Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOR0S2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MOR0S2
Description  Metal Oxide Film Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MOR0S2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MOR0S2 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOR0S2 Datasheet HTML 2Page - List of Unclassifed Manufacturers MOR0S2 Datasheet HTML 3Page - List of Unclassifed Manufacturers MOR0S2 Datasheet HTML 4Page - List of Unclassifed Manufacturers MOR0S2 Datasheet HTML 5Page - List of Unclassifed Manufacturers MOR0S2 Datasheet HTML 6Page - List of Unclassifed Manufacturers MOR0S2 Datasheet HTML 7Page - List of Unclassifed Manufacturers MOR0S2 Datasheet HTML 8Page - List of Unclassifed Manufacturers MOR0S2 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Metal Oxide Film Resistors
Page 4
30/08/07 V1.1
Part Number Table
Resistance Value
Part Number
10R
MOR0S2J0100A50
15R
MOR0S2J0150A50
22R
MOR0S2J0220A50
33R
MOR0S2J0330A50
47R
MOR0S2J0470A50
68R
MOR0S2J0680A50
100R
MOR0S2J0101A50
150R
MOR0S2J0151A50
220R
MOR0S2J0221A50
330R
MOR0S2J0331A50
470R
MOR0S2J0471A50
680R
MOR0S2J0681A50
1K
MOR0S2J0102A50
1K5
MOR0S2J0152A50
2K2
MOR0S2J0222A50
3K3
MOR0S2J0332A50
4K7
MOR0S2J0472A50
6K8
MOR0S2J0682A50
10K
MOR0S2J0103A50
15K
MOR0S2J0153A50
22K
MOR0S2J0223A50
33K
MOR0S2J0333A50
47K
MOR0S2J0473A50
10R
MOR01SJ0100A10
15R
MOR01SJ0150A10
22R
MOR01SJ0220A10
33R
MOR01SJ0330A10
47R
MOR01SJ0470A10
68R
MOR01SJ0680A10
100R
MOR01SJ0101A10
50R
MOR01SJ0151A10


Similar Part No. - MOR0S2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOR0S2G082JA10 ETC2-MOR0S2G082JA10 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR0S2G082JA20 ETC2-MOR0S2G082JA20 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR0S2G082JA40 ETC2-MOR0S2G082JA40 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR0S2G082JAA0 ETC2-MOR0S2G082JAA0 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR0S2G082JAB0 ETC2-MOR0S2G082JAB0 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
More results

Similar Description - MOR0S2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MO MERITEK-MO Datasheet
172Kb / 3P
   Metal Oxide Film Resistors
logo
Panasonic Semiconductor
ERG-1SJ221A PANASONIC-ERG-1SJ221A Datasheet
153Kb / 7P
   Metal (Oxide) Film Resistors
logo
Willow Technologies Ltd
MOF WILLOW-MOF Datasheet
87Kb / 2P
   METAL OXIDE FILM RESISTORS
logo
Panasonic Semiconductor
ERG-1SJ153A PANASONIC-ERG-1SJ153A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-1SJ683A PANASONIC-ERG-1SJ683A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-2SJ100A PANASONIC-ERG-2SJ100A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-1SJ101E PANASONIC-ERG-1SJ101E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-2SJ123 PANASONIC-ERG-2SJ123 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERGX12S PANASONIC-ERGX12S Datasheet
172Kb / 7P
   Metal Oxide Film Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com