Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6279ELPTR-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A6279ELPTR-T
Description  Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6279ELPTR-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A6279ELPTR-T Datasheet HTML 4Page - Allegro MicroSystems A6279ELPTR-T Datasheet HTML 5Page - Allegro MicroSystems A6279ELPTR-T Datasheet HTML 6Page - Allegro MicroSystems A6279ELPTR-T Datasheet HTML 7Page - Allegro MicroSystems A6279ELPTR-T Datasheet HTML 8Page - Allegro MicroSystems A6279ELPTR-T Datasheet HTML 9Page - Allegro MicroSystems A6279ELPTR-T Datasheet HTML 10Page - Allegro MicroSystems A6279ELPTR-T Datasheet HTML 11Page - Allegro MicroSystems A6279ELPTR-T Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Serial-Input, Constant-Current Latched
LED Drivers with Open LED Detection
A6278 and
A6279
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Constant Current (REXT)
The A6278 and A6279 allow the user to set the magnitude of
the constant current to the LEDs. Once set, the current remains
constant regardless of the LED voltage variation, the supply
voltage variation, or other circuit parameters that could otherwise
affect LED current. The output current is determined by the value
of an external current-control resistor (REXT). The relationship of
these parameters is shown in figure 1. Typical characteristics for
output current and VCE are shown in figure 2 for common values
of REXT.
100
200
300
500
700
1K
2K
3K
5K
Figure 1. Output Current versus Current Control Resistance
TA= 25°C, VCE =0.7 V
REXT (Ω)
90
80
70
60
50
40
30
20
10
0
100
200
300
500
700
1k
2k
3k
5k
Figure 2. Output Current versus Device Voltage Drop
TA=25°C
VCE (V)
REXT =225 Ω
REXT =470 Ω
REXT =3900 Ω
90
80
70
60
50
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0


Similar Part No. - A6279ELPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6279ELPTR-T ALLEGRO-A6279ELPTR-T Datasheet
621Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
More results

Similar Description - A6279ELPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6278 ALLEGRO-A6278 Datasheet
621Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
logo
Silicon Touch Technolog...
DM412 SITI-DM412 Datasheet
1Mb / 35P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
logo
Allegro MicroSystems
A6285 ALLEGRO-A6285 Datasheet
545Kb / 13P
   16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
A6275ELWTR ALLEGRO-A6275ELWTR Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275EA-T ALLEGRO-A6275EA-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275ELWTR-T ALLEGRO-A6275ELWTR-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
6276 ALLEGRO-6276 Datasheet
154Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIVER
A6276SA ALLEGRO-A6276SA Datasheet
567Kb / 13P
   16-Bit Serial Input, Constant-Current Latched LED Driver
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com