Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BHC-AS1T2 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # BHC-AS1T2
Description  Side View LEDs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

BHC-AS1T2 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  BHC-AS1T2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd BHC-AS1T2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd BHC-AS1T2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd BHC-AS1T2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd BHC-AS1T2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd BHC-AS1T2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd BHC-AS1T2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EVERLIGHT ELECTRONICS CO., LTD
Technical Data Sheet (Preliminary)
Side View LEDs
97-22/BHC-AS1T2
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.0
Page: 5 of 7
Device No. :
Prepared date: 1-Jun-2007
Prepared by: Ya_Hui Fang
Typical Electro-Optical Characteristics Curves


Similar Part No. - BHC-AS1T2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-AN1P2 EVERLIGHT-BHC-AN1P2 Datasheet
149Kb / 10P
   Chip LEDs
BHC-AN1P2-3T EVERLIGHT-BHC-AN1P2-3T Datasheet
160Kb / 10P
   Chip LED(0.8mm Herght)
BHC-APR EVERLIGHT-BHC-APR Datasheet
194Kb / 10P
   Chip LED with Inner Lens
BHC-AUW EVERLIGHT-BHC-AUW Datasheet
150Kb / 10P
   1.8mm round Subminiature Chip LED
More results

Similar Description - BHC-AS1T2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EASV3006WA2 EVERLIGHT-EASV3006WA2 Datasheet
1Mb / 13P
   Side View LEDs
EAPL2812WA0 EVERLIGHT-EAPL2812WA0 Datasheet
985Kb / 15P
   Side View LEDs
EAPL3810A10 EVERLIGHT-EAPL3810A10 Datasheet
249Kb / 12P
   Side View LEDs
EAPL3810A12 EVERLIGHT-EAPL3810A12 Datasheet
253Kb / 12P
   Side View LEDs
EAPL3810A14 EVERLIGHT-EAPL3810A14 Datasheet
520Kb / 12P
   Side View LEDs
EAPL3810A4 EVERLIGHT-EAPL3810A4 Datasheet
616Kb / 13P
   Side View LEDs
EAPL3810A8 EVERLIGHT-EAPL3810A8 Datasheet
660Kb / 16P
   Side View LEDs
EAPL3810A1 EVERLIGHT-EAPL3810A1 Datasheet
511Kb / 12P
   Side View LEDs
EAPL3810A16 EVERLIGHT-EAPL3810A16 Datasheet
472Kb / 12P
   Side View LEDs
EAPL3812WA0 EVERLIGHT-EAPL3812WA0 Datasheet
224Kb / 10P
   Side View LEDs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com