Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6278ELPTR-T Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A6278ELPTR-T
Description  Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6278ELPTR-T Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A6278ELPTR-T Datasheet HTML 7Page - Allegro MicroSystems A6278ELPTR-T Datasheet HTML 8Page - Allegro MicroSystems A6278ELPTR-T Datasheet HTML 9Page - Allegro MicroSystems A6278ELPTR-T Datasheet HTML 10Page - Allegro MicroSystems A6278ELPTR-T Datasheet HTML 11Page - Allegro MicroSystems A6278ELPTR-T Datasheet HTML 12Page - Allegro MicroSystems A6278ELPTR-T Datasheet HTML 13Page - Allegro MicroSystems A6278ELPTR-T Datasheet HTML 14Page - Allegro MicroSystems A6278ELPTR-T Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Serial-Input, Constant-Current Latched
LED Drivers with Open LED Detection
A6278 and
A6279
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
A Package, TA = 25°C
A Package, TA = 50°C
A Package, TA = 85°C
LP Package, TA = 25°C
LP Package, TA = 50°C
LP Package, TA = 85°C
LW Package, TA = 25°C
LW Package, TA = 50°C
LW Package, TA = 85°C
90
0
90
0
90
0
90
0
90
0
90
0
90
0
90
0
90
0
Allowable Output Current versus Duty Cycle, A6278
VDD = 5 V
0
100
DC (%)
0
100
DC (%)
0
100
DC (%)
0
100
DC (%)
0
100
DC (%)
0
100
DC (%)
0
100
DC (%)
0
100
DC (%)
0
100
DC (%)


Similar Part No. - A6278ELPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6278ELPTR-T ALLEGRO-A6278ELPTR-T Datasheet
621Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
More results

Similar Description - A6278ELPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6278 ALLEGRO-A6278 Datasheet
621Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
logo
Silicon Touch Technolog...
DM412 SITI-DM412 Datasheet
1Mb / 35P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
logo
Allegro MicroSystems
A6285 ALLEGRO-A6285 Datasheet
545Kb / 13P
   16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
A6275ELWTR ALLEGRO-A6275ELWTR Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275EA-T ALLEGRO-A6275EA-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275ELWTR-T ALLEGRO-A6275ELWTR-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
6276 ALLEGRO-6276 Datasheet
154Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIVER
A6276SA ALLEGRO-A6276SA Datasheet
567Kb / 13P
   16-Bit Serial Input, Constant-Current Latched LED Driver
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com