Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1518-100-80T4 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 1518-100-80T4
Description  5-TAP SMD DELAY LINE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

1518-100-80T4 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  1518-100-80T4 Datasheet HTML 1Page - Data Delay Devices, Inc. 1518-100-80T4 Datasheet HTML 2Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1518
Doc #97030
DATA DELAY DEVICES, INC.
2
2/7/97
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
PASSIVE DELAY LINE TEST SPECIFICATIONS
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature:
25
oC
± 3oC
Rload:
10M
Input Pulse:
High = 3.0V typical
Cload:
10pf
Low = 0.0V typical
Threshold:
50% (Rising & Falling)
Source Impedance:
50
Ω Max.
Rise/Fall Time:
3.0 ns Max. (measured
at 10% and 90% levels)
Pulse Width (TD <= 75ns): PWIN = 100ns
Period
(TD <= 75ns): PERIN = 1000ns
Pulse Width (TD > 75ns):
PWIN = 2 x TD
Period
(TD > 75ns):
PERIN = 10 x TD
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
Timing Diagram For Testing
TRISE
TFALL
PERIN
PWIN
TRISE
TFALL
10%
10%
50%
50%
90%
90%
50%
50%
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL
TRISE
TFALL
10%
10%
90%
90%
IN
T1
OUT
TRIG
IN
TRIG
Test Setup
DEVICE UNDER
TEST (DUT)
OSCILLOSCOPE
PULSE
GENERATOR
50
ROUT
RIN
RIN = ROUT = ZLINE
T2
T3
T4
T5


Similar Part No. - 1518-100-80T4

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1518-10-1.0A DATADELAY-1518-10-1.0A Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
1518-10-1.0STD DATADELAY-1518-10-1.0STD Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
1518-10-2.0A DATADELAY-1518-10-2.0A Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
1518-10-2.0STD DATADELAY-1518-10-2.0STD Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
1518-10-3.0A DATADELAY-1518-10-3.0A Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
More results

Similar Description - 1518-100-80T4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
logo
Data Delay Devices, Inc...
1518 DATADELAY-1518 Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
logo
List of Unclassifed Man...
1517 ETC-1517 Datasheet
37Kb / 2P
   5-TAP DIP DELAY LINE
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
   5-Tap Silicon Delay Line
030194
logo
Data Delay Devices, Inc...
1520 DATADELAY-1520 Datasheet
350Kb / 3P
   10-TAP DIP/SMD DELAY LINE TD/TR = 5
1516 DATADELAY-1516 Datasheet
35Kb / 3P
   5-TAP DIP/SMD DELAY LINE TD/TR = 3
3D3225 DATADELAY-3D3225_06 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com