Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VP5511C Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # VP5511C
Description  NTSC/PAL Digital Video Encoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP5511C Datasheet(HTML) 2 Page - Mitel Networks Corporation

  VP5511C Datasheet HTML 1Page - Mitel Networks Corporation VP5511C Datasheet HTML 2Page - Mitel Networks Corporation VP5511C Datasheet HTML 3Page - Mitel Networks Corporation VP5511C Datasheet HTML 4Page - Mitel Networks Corporation VP5511C Datasheet HTML 5Page - Mitel Networks Corporation VP5511C Datasheet HTML 6Page - Mitel Networks Corporation VP5511C Datasheet HTML 7Page - Mitel Networks Corporation VP5511C Datasheet HTML 8Page - Mitel Networks Corporation VP5511C Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
VP5311C/VP5511C
2
66.83
1.050
27k
1.3699
24.93
50
33.75
17.64
1.40
7.62
7.62
0.40
34.15
18.71
26.73
8.02
8.02
0.00
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated): As specified in Recommended Operating Conditions
DC CHARACTERISTICS
VIH
VIL
VIH
VIL
IIH
IIL
VOH
VOL
VOL
2.0
0.7 VDD
3.7
0.8
0.3 VDD
10
-10
0.4
0.6
V
V
V
V
µA
µA
V
V
V
Parameter
Conditions
VIN = VDD
VIN = VSS
IOH = -1mA
IOL = +4mA
IOL = +6mA
Symbol
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated): As specified in Recommended Operating Conditions
DC CHARACTERISTICS DACs
INL
DNL
VREF
ZR
IREF
KDAC
±1.5
±1
±5
LSB
LSB
%
µA
V
mA
pV-s
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
Parameter
Symbol
Min.
Typ.
Max.
Units
Accuracy (each DAC)
Integral linearity error
Diffential linearity error
DAC matching error
Monotonicity
LSB size
Internal reference voltage
Internal reference voltage output impedance
Reference Current (VREF/RREF) RREF = 769
DAC Gain Factor (VOUT = KDAC x IREF x RL), VOUT = DAC code 511
Peak Glitch Energy (see fig.3)
CVBS, Y and C - NTSC (pedestal enabled)
Maximum output, relative to sync bottom
White level relative to black level
Black level relative to blank level
Blank level relative to sync level
Colour burst peak - peak
DC offset (bottom sync)
CVBS, Y and C - PAL
Maximum output
White level relative to black level
White level relative to sync level
Black level relative to sync level
Colour burst peak - peak
DC offset (bottom sync)
Digital Inputs TTL compatible (except SDA, SCL)
Input high voltage
Input low voltage
Digital Inputs SDA, SCL
Input high voltage
Input low voltage
Input high current
Input low current
Digital Outputs CMOS compatible
Output high voltage
Output low voltage
Digital Output SDA
Output low voltage
guaranteed
Note: All figures are for: RREF = 769
Ω RL = 37.5Ω. When the device is set up in NTSC mode there is a +0.25% error in the PAL
levels. If RL = 75
Ω then RREF = 1538Ω.
ABSOLUTE MAXIMUM RATINGS
Supply voltage
VDD, AVDD
-0·3 to 7·0V
Voltage on any non power pin
-0·3 to VDD+0·3V
Ambient operating temperature
0 to 70
°C
Storage temperature
-55
°C to 150°C
Note: Stresses exceeding these listed under Absolute
Maximum Ratings may induce failure. Exposure to Absolute
Maximum Ratings for extended periods may reduce
reliability. Functionality at or above these conditions is not
implied.


Similar Part No. - VP5511C

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
VP5511C ZARLINK-VP5511C Datasheet
312Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5511C/CG/GP1N ZARLINK-VP5511C/CG/GP1N Datasheet
312Kb / 19P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - VP5511C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com