Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS68332MAB/C16 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # TS68332MAB/C16
Description  High Highperformance 32-bit Integrated Microcontroller
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332MAB/C16 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button TS68332MAB/C16 Datasheet HTML 6Page - ATMEL Corporation TS68332MAB/C16 Datasheet HTML 7Page - ATMEL Corporation TS68332MAB/C16 Datasheet HTML 8Page - ATMEL Corporation TS68332MAB/C16 Datasheet HTML 9Page - ATMEL Corporation TS68332MAB/C16 Datasheet HTML 10Page - ATMEL Corporation TS68332MAB/C16 Datasheet HTML 11Page - ATMEL Corporation TS68332MAB/C16 Datasheet HTML 12Page - ATMEL Corporation TS68332MAB/C16 Datasheet HTML 13Page - ATMEL Corporation TS68332MAB/C16 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
10
2118A–HIREL–11/05
TS68332
These terms are related by the equation:
θ
JA = θJC + θCA
(4)
θ
JC is device related and cannot be influenced by the user. However, θCA is user dependent and
can be minimized by such thermal management techniques as heat sinks, ambient air cooling
and thermal convection. Thus, good thermal management on the part of the user can signifi-
cantly reduce
θ
CA so that θJA approximately equals θJC. Substitution of θJC for θJA in equation (1)
will result in a lower semiconductor junction temperature.
5.4
Mechanical and Environment
The microcircuits shall meet all mechanical environmental requirements of either MIL-STD-883
for class B devices or screened according to Atmel-Grenoble standards devices.
5.5
Marking
The document where are defined the marking are identified in the related reference documents.
Each microcircuit are legible and permanently marked with the following information as
minimum:
• Atmel logo
• Manufacturer’s part number
• Class B identification
• Date-code of inspection lot
• ESD identifier if available
• Country of manufacturing
6.
Quality Conformance Inspection
6.1
DESC/MIL-STD-883
Is in accordance with MIL-M-38535 and method 5005 of MIL-STD-883. Group A and B inspec-
tions are performed on each production lot. Group C and D inspection are performed on a
periodical basis.
7.
Electrical Characteristics
7.1
General Requirements
All static and dynamic electrical characteristics specified and the relevant measurement condi-
tions are given below. For inspection purpose, refer to relevant specification:
•DSCC
(last issue on request to our marketing services)
Table 7-1 on page 11 Static electrical characteristics for all electrical variants.
Table 7-3 on page 14 Dynamic electrical characteristics for 6832-16 (16.78 MHz).
For static characteristics, test methods refer to IEC 748-2 method number, where existing.
For dynamic characteristics, test methods refer to clause 5.4 hereafter of this specification.


Similar Part No. - TS68332MAB/C16

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS68332MAB/C16 ATMEL-TS68332MAB/C16 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
More results

Similar Description - TS68332MAB/C16

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS68332 ATMEL-TS68332 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
   Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com