Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STCS2SPR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCS2SPR
Description  2 A max constant current LED driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS2SPR Datasheet(HTML) 1 Page - STMicroelectronics

  STCS2SPR Datasheet HTML 1Page - STMicroelectronics STCS2SPR Datasheet HTML 2Page - STMicroelectronics STCS2SPR Datasheet HTML 3Page - STMicroelectronics STCS2SPR Datasheet HTML 4Page - STMicroelectronics STCS2SPR Datasheet HTML 5Page - STMicroelectronics STCS2SPR Datasheet HTML 6Page - STMicroelectronics STCS2SPR Datasheet HTML 7Page - STMicroelectronics STCS2SPR Datasheet HTML 8Page - STMicroelectronics STCS2SPR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
May 2008
Rev 3
1/16
16
STCS2
2 A max constant current LED driver
Features
Up to 40 V input voltage
Less than 0.5 V voltage overhead
Up to 2 A output current
PWM dimming pin
Shutdown pin
LED disconnection diagnostic
Applications
LED constant current supplying for varying
input voltages
Low voltage lighting
Small appliances LED lighting
Car LED lights
Description
The STCS2 is a BiCMOS constant current source
designed to provide a precise constant current
starting from a varying input voltage source. The
main target is to replace discrete components
solution for driving LEDs in low voltage
applications such as 5 V, 12 V or 24 V giving
benefits in terms of precision, integration and
reliability.
The current is set with external resistor up to 2 A
with a ± 10 % precision; a dedicated pin allows
implementing PWM dimming.
An open-drain pin output provides information on
load disconnection condition.
PowerSO-10
1
10
Table 1.
Device summary
Order code
Package
Packaging
STCS2SPR
PowerSO-10
600 parts per reel
www.st.com


Similar Part No. - STCS2SPR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCS2SPR STMICROELECTRONICS-STCS2SPR Datasheet
281Kb / 16P
   2 A max constant current LED driver
More results

Similar Description - STCS2SPR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCS2A STMICROELECTRONICS-STCS2A Datasheet
372Kb / 18P
   2 A max constant current LED driver
STCS2_0807 STMICROELECTRONICS-STCS2_0807 Datasheet
281Kb / 16P
   2 A max constant current LED driver
STCS1A STMICROELECTRONICS-STCS1A Datasheet
449Kb / 19P
   1.5 A max constant current LED driver
STCS05 STMICROELECTRONICS-STCS05 Datasheet
683Kb / 16P
   0.5 A max constant current LED driver
STCS1 STMICROELECTRONICS-STCS1 Datasheet
435Kb / 17P
   1.5 A max constant current LED driver
STCS1 STMICROELECTRONICS-STCS1_08 Datasheet
346Kb / 17P
   1.5 A max constant current LED driver
STCS05A STMICROELECTRONICS-STCS05A Datasheet
854Kb / 18P
   0.5 A max constant current LED driver
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101_12 Datasheet
152Kb / 9P
   1 A Constant-Current LED Driver
July, 2012 ??Rev. 8
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com