Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90330A Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB90330A
Description  16-bit Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90330A Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB90330A Datasheet HTML 3Page - Fujitsu Component Limited. MB90330A Datasheet HTML 4Page - Fujitsu Component Limited. MB90330A Datasheet HTML 5Page - Fujitsu Component Limited. MB90330A Datasheet HTML 6Page - Fujitsu Component Limited. MB90330A Datasheet HTML 7Page - Fujitsu Component Limited. MB90330A Datasheet HTML 8Page - Fujitsu Component Limited. MB90330A Datasheet HTML 9Page - Fujitsu Component Limited. MB90330A Datasheet HTML 10Page - Fujitsu Component Limited. MB90330A Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 120 page
background image
MB90330A Series
7
■ PIN DESCRIPTION
(Continued)
Pin no.
Pin name
I/O
Circuit
type*
Function
108, 107
X0, X1
A
Terminals to connect the oscillator.
When connecting an external clock, leave the X1 pin side unconnected.
13, 14
X0A, X1A
A
32 kHz oscillation terminals.
90
RST
F
External reset input pin.
93 to 100
P00 to P07
H
General purpose input/output port.
The ports can be set to be added with a pull-up resistor (RD00 to RD07
= 1)
by the pull-up resistor setting register (RDR0). (When the power output is
set, it is invalid.)
AD00 to AD07
Function as an I/O pin for the low-order external address and data bus in
multiplex mode.
D00 to D07
Function as an output pin for the low-order external data bus in non-
multiplex mode.
101 to 104
P10 to P13
H
General purpose input/output port.
The ports can be set to be added with a pull-up resistor (RD10 to RD13 = 1)
by the pull-up resistor setting register (RDR1). (When the power output is
set, it is invalid.)
AD08 to AD11
Function as an I/O pin for the high-order external address and data bus in
multiplex mode.
D08 to D11
Function as an output pin for the high-order external data bus in non-
multiplex mode.
109 to 112
P14 to P17
H
General purpose input/output port.
The ports can be set to be added with a pull-up resistor (RD14 to RD17 = 1)
by the pull-up resistor setting register (RDR1). (When the power output is
set, it is invalid.)
AD12 to D15
Function as an I/O pin for the high-order external address and data bus in
multiplex mode.
D12 to D15
Function as an output pin for the high-order external data bus in non-
multiplex mode.
113 to 116
P20 to P23
D
This is a general purpose I/O port. When the bits of external address output
control register (HACR) are set to “1” in external bus mode, these pins
function as general purpose I/O ports.
A16 to A19
When the bits of external address output control register (HACR) are set to
“0” in multiplex mode, these pins function as address high output pins.
A16 to A19
When the bits of external address output control register (HACR) are set to
“0” in non-multiplex mode, these pins function as address high output pins.


Similar Part No. - MB90330A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
More results

Similar Description - MB90330A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com