Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX15C200V Datasheet(PDF) 2 Page - Semtech Corporation

Part # BZX15C200V
Description  SILICON PLANAR ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

BZX15C200V Datasheet(HTML) 2 Page - Semtech Corporation

  BZX15C200V Datasheet HTML 1Page - Semtech Corporation BZX15C200V Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SEMTECH ELECTRONICS LTD. ( Wholly owned subsidiary of Honey Technology Ltd.)
®
Dated : 27/12/2002
BZX1.5C…
Characteristics at Tj = 25
oC
Nomina
l
Zener
Zener Voltage
Range
Dynamic Resistance
Reverse
Leakage
Maximum
DC Zener
Current
Type
V
V
IZT
(mA)
Ohm at
IZT
Ohm at
IZK
IZT
(mA)
IR (uA)
VR (V)
mA
BZX1.5C…3V3
3.3
3.1…3.5
113.6
10
500
1
100
1
454
BZX1.5C…3V6
3.6
3.4…3.8
104.2
9
500
1
75
1
416
BZX1.5C…3V9
3.9
3.7…4.1
96.1
7.5
500
1
25
1
384
BZX1.5C…4V3
4.3
4.0…4.6
87.2
6
500
1
5
1
348
BZX1.5C…4V7
4.7
4.4…5.0
79.8
5
500
1
5
1.5
319
BZX1.5C…5V1
5.1
4.8…5.4
73.5
4
350
1
5
2
294
BZX1.5C…5V6
5.6
5.2…6.0
66.9
2
250
1
5
3
267
BZX1.5C…6V2
6.2
5.8…6.6
60.5
2
200
1
5
4
241
BZX1.5C…6V8
6.8
6.4…7.2
55.1
2.5
200
1
5
5.2
220
BZX1.5C…7V5
7.5
7.0…7.9
50
3
400
0.5
5
6.8
200
BZX1.5C…8V2
8.2
7.7…8.7
45.7
3.5
400
0.5
5
6.5
182
BZX1.5C…9V1
9.1
8.5…9.6
41.2
4
500
0.5
5
7
164
BZX1.5C…10V
10
9.4…10.6
37.5
4.5
500
0.25
5
8
150
BZX1.5C…11V
11
10.4…11.6
34.1
5.5
550
0.25
1
8.4
136
BZX1.5C…12V
12
11.4…12.7
31.2
6.5
550
0.25
1
9.1
125
BZX1.5C…13V
13
12.4…14.1
28.8
7
550
0.25
1
9.9
115
BZX1.5C…15V
15
13.8…15.6
25
9
550
0.25
1
11.4
100
BZX1.5C…16V
16
15.3…17.1
23.4
10
600
0.25
1
12.2
93
BZX1.5C…18V
18
16.8…19.1
20.8
12
600
0.25
1
13.7
83
BZX1.5C…20V
20
18.8…21.2
18.7
14
650
0.25
1
15.2
75
BZX1.5C…22V
22
20.8…23.3
17
17.5
650
0.25
1
16.7
68
BZX1.5C…24V
24
22.8…25.6
15.6
19
700
0.25
1
18.2
62
BZX1.5C…27V
27
25.1…28.9
13.9
23
700
0.25
1
20.6
55
BZX1.5C…30V
30
28…32
12.5
26
750
0.25
1
22.8
50
BZX1.5C…33V
33
31…35
11.4
33
800
0.25
1
25.1
45
BZX1.5C…36V
36
34…38
10.4
38
850
0.25
1
27.4
41
BZX1.5C…39V
39
37…41
9.6
45
900
0.25
1
29.7
38
BZX1.5C…43V
43
40…46
8.7
53
950
0.25
1
32.7
34
BZX1.5C…47V
47
44…50
8
67
1000
0.25
1
35.8
31
BZX1.5C…51V
51
48…54
7.3
70
1100
0.25
1
38.8
29
BZX1.5C…56V
56
52…60
6.7
86
1300
0.25
1
42.6
26
BZX1.5C…62V
62
58…66
6
100
1500
0.25
1
74.1
24
BZX1.5C…68V
68
64…72
5.5
120
1700
0.25
1
51.7
22
BZX1.5C…75V
75
70…79
5
140
2000
0.25
1
56
20
BZX1.5C…82V
82
77…87
4.6
160
2500
0.25
1
62.2
18
BZX1.5C…91V
91
85…96
4.1
200
3000
0.25
1
69.2
16
BZX1.5C…100V
100
94…106
3.7
250
3100
0.25
1
76
15
BZX1.5C…110V
110
104…116
3.4
300
4000
0.25
1
83.6
13
BZX1.5C…120V
120
114…127
2.1
380
4500
0.25
1
91.2
12
BZX1.5C…130V
130
124…141
2.9
450
5000
0.25
1
98.8
11
BZX1.5C…150V
150
138…156
2.5
600
6000
0.25
1
114
10
BZX1.5C…160V
160
153…171
2.3
700
6500
0.25
1
121.6
9
BZX1.5C…180V
180
168…191
2.1
900
7000
0.25
1
136.8
8
BZX1.5C…200V
200
188…212
1.9
1200
8000
0.25
1
152
7
1) Tested with pulse tp = 40 ms.
2) Valid provided that leads at a distance of 8mm from case are kept at ambient temperature.


Similar Part No. - BZX15C200V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BZX15 ETC1-BZX15 Datasheet
105Kb / 3P
   SILICON EPITAXIAL PLANAR TYPE
logo
Diotech Company.
BZX15 DIOTECH-BZX15 Datasheet
1Mb / 3P
   1.3W EPITAXIAL ZENER DIODE
More results

Similar Description - BZX15C200V

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com