Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6382D5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6382D5
Description  Power management unit for microcontrolled ballast
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6382D5 Datasheet HTML 2Page - STMicroelectronics L6382D5 Datasheet HTML 3Page - STMicroelectronics L6382D5 Datasheet HTML 4Page - STMicroelectronics L6382D5 Datasheet HTML 5Page - STMicroelectronics L6382D5 Datasheet HTML 6Page - STMicroelectronics L6382D5 Datasheet HTML 7Page - STMicroelectronics L6382D5 Datasheet HTML 8Page - STMicroelectronics L6382D5 Datasheet HTML 9Page - STMicroelectronics L6382D5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Maximum ratings
L6382D5
6/21
3
Maximum ratings
3.1
Absolute maximum ratings
3.2
Thermal data
Table 2. Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VCC
10
IC supply voltage (ICC = 20mA)
Self-limited
VHVSU
15
High voltage start-up generator voltage range
-0.3 to 600
V
VBOOT
11
Floating supply voltage
-1 to VHVSU+VCC
V
VOUT
13
Floating ground voltage
-1 to 600
V
ITPR(RMS)
7
Maximum TPR RMS current
±200
mA
ITPR(PK)
7
Maximum TPR peak current
±600
mA
VTPR
7
Maximum TPR voltage(1)
1.
Excluding operating mode
14
V
19
CSI input voltage
-0.3 to 7
V
1, 2,
3, 4
Logic input voltage
-0.3 to 7
V
9, 12,
17
Operating frequency
15 to 400
KHz
5
Operating frequency
15 to 600
KHz
Tstg
Storage Temperature
-40 to +150
°C
Tj
Ambient Temperature operating range
-40 to +125
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Maximum thermal resistance junction-ambient
120
°C/W


Similar Part No. - L6382D5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6382D STMICROELECTRONICS-L6382D Datasheet
256Kb / 14P
   Power management unit for microcontrolled ballast
L6382D STMICROELECTRONICS-L6382D Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
L6382DTR STMICROELECTRONICS-L6382DTR Datasheet
256Kb / 14P
   Power management unit for microcontrolled ballast
L6382DTR STMICROELECTRONICS-L6382DTR Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
L6382D STMICROELECTRONICS-L6382D_07 Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
More results

Similar Description - L6382D5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6382D STMICROELECTRONICS-L6382D_07 Datasheet
297Kb / 22P
   Power management unit for microcontrolled ballast
L6382D STMICROELECTRONICS-L6382D Datasheet
256Kb / 14P
   Power management unit for microcontrolled ballast
AN1971 STMICROELECTRONICS-AN1971 Datasheet
153Kb / 16P
   ST7LITE0xxx MICROCONTROLLED BALLAST
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
   Power Management Unit for Power Banks
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
   Power Management Unit for Mobile Phones
logo
Texas Instruments
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_017 TI1-TPS65917-Q1_017 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com