Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24A02 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 24A02
Description  1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

24A02 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  24A02 Datasheet HTML 1Page - List of Unclassifed Manufacturers 24A02 Datasheet HTML 2Page - List of Unclassifed Manufacturers 24A02 Datasheet HTML 3Page - List of Unclassifed Manufacturers 24A02 Datasheet HTML 4Page - List of Unclassifed Manufacturers 24A02 Datasheet HTML 5Page - List of Unclassifed Manufacturers 24A02 Datasheet HTML 6Page - List of Unclassifed Manufacturers 24A02 Datasheet HTML 7Page - List of Unclassifed Manufacturers 24A02 Datasheet HTML 8Page - List of Unclassifed Manufacturers 24A02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
TMC 24A01/24A02
24A04/24A08/24A16
VCC
WP
SCL
SDA
A0
A1
A2
VSS
NOTE:
The TMC 24A01/24A02/24A04/24A08/24A16
is available in 8-pin DIP, SOP, TSSOP, and SOT 25 package.
Figure 3-2. Pin Assignment Diagram
Table 3-1. Pin Descriptions
Name
Type
Description
Circuit
Type
A0, A1, A2
Input
Input pins for device address selection. To configure a device address,
these pins should be connected to the V
CC or VSS of the device.
These pins are internally pulled down to V
SS.
1
V
SS
Ground pin.
SDA
I/O
Bi-directional data pin for the I
2C-bus serial data interface. Schmitt
trigger input and open-drain output. An external pull-up resistor must
be connected to V
CC. Typical values for this pull-up resistor are 4.7 kΩ
(100 kHz) and 1 k
Ω (400 kHz).
3
SCL
Input
Schmitt trigger input pin for serial clock input.
2
WP
Input
Input pin for hardware write protection control. If you tie this pin to V
CC,
the write function is disabled to protect previously written data in the
entire memory; if you tie it to V
SS, the write function is enabled.
This pin is internally pulled down to V
SS.
1
V
CC
Single power supply.
NOTE: See the following page for diagrams of pin circuit types 1, 2, and 3.
SOT25
15
4
3
SCL
Vss
SDA
WP
Vcc
2


Similar Part No. - 24A02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24A.1-10HSTB ETC-24A.1-10HSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
24A.1-10MSTB ETC-24A.1-10MSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
24A.1-10SSTB ETC-24A.1-10SSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
24A.2-20HSTB ETC-24A.2-20HSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
24A.2-20MSTB ETC-24A.2-20MSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
More results

Similar Description - 24A02

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Samsung semiconductor
S524A40X11 SAMSUNG-S524A40X11 Datasheet
124Kb / 16P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com