Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

222286714688 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 222286714688
Description  Surface mount ceramic multilayer capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

222286714688 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 222286714688 Datasheet HTML 2Page - NXP Semiconductors 222286714688 Datasheet HTML 3Page - NXP Semiconductors 222286714688 Datasheet HTML 4Page - NXP Semiconductors 222286714688 Datasheet HTML 5Page - NXP Semiconductors 222286714688 Datasheet HTML 6Page - NXP Semiconductors 222286714688 Datasheet HTML 7Page - NXP Semiconductors 222286714688 Datasheet HTML 8Page - NXP Semiconductors 222286714688 Datasheet HTML 9Page - NXP Semiconductors 222286714688 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2000 Sep 11
6
Philips Components
Product specification
Surface mount ceramic
multilayer capacitors
Class 1, NP0 50 V
Noble Metal Electrode
ORDERING INFORMATION FOR 50 V
Components may be ordered by using either a simple 15-digit clear text code or Philips unique 12NC.
Clear text code
EXAMPLE: 0805CG102J9B200
SIZE
CODE
TEMP.
CHAR.
CAPACITANCE
TOL.
VOLTAGE
TERMINATION
PACKAGING
MARKING
SERIES
0402
0603
0805
1206
1210
1812
2220
(AgPd only)
CG = NP0
102 = 1000 pF;
the third digit
signifies the
multiplying factor:
8=
× 0.01
9=
× 0.1
0=
× 1
1=
× 10
2=
× 100
3=
× 1000
C=
±0.25 pF
D=
±0.5 pF
G=
±2%
J=
±5%
9 = 50 V
B = NiSn
A = AgPd
(2220 only)
2 = 180 mm; 7" paper
3 = 330 mm; 13" paper
B = 180 mm; 7" blister
F = 330 mm; 13" blister
P = bulk case
0 = no marking
2 = 2-character
marking in North
America only
0 = conv.
ceramic
Ordering code 12NC
(1) Refer to chapter “Selection chart for 50 V”.
(2) Amount on reel depends on thickness classification, see section “Thickness classification and packaging quantities”.
handbook, full pagewidth
2 2 X X
8 6 X
X X X X X
Carrier type
22
38
54
blister
paper
bulk
Size
9
7
1
3
2
5
6
0402
0603
0805
1206
1210
1812
2220 (AgPd only)
Capacitance value(1)
Tolerance
NiSn terminations
4
5
±0.25 pF for C = 5.6 to 8.2 pF
±2% for C ≥ 10 pF
±0.25 pF for C = 0.47 to 4.7 pF
±0.5 pF for C = 5.6 to 8.2 pF
±5% for C ≥ 10 pF
AgPd terminations
1
2
±2% for C ≥ 10 pF
±5% for C ≥ 10 pF
Packaging(2)
1
7
4
reel:
∅180 mm; 7"
reel:
∅330 mm; 13"
bulk case
CCA622


Similar Part No. - 222286714688

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
222280823109 VISHAY-222280823109 Datasheet
103Kb / 6P
   5 mm Film Dielectric Trimmers
Revision: 11-Oct-07
More results

Similar Description - 222286714688

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com