Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B4350A4109M000 Datasheet(PDF) 5 Page - EPCOS

Part # B4350A4109M000
Description  Capacitors with Screw Terminals
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4350A4109M000 Datasheet(HTML) 5 Page - EPCOS

  B4350A4109M000 Datasheet HTML 1Page - EPCOS B4350A4109M000 Datasheet HTML 2Page - EPCOS B4350A4109M000 Datasheet HTML 3Page - EPCOS B4350A4109M000 Datasheet HTML 4Page - EPCOS B4350A4109M000 Datasheet HTML 5Page - EPCOS B4350A4109M000 Datasheet HTML 6Page - EPCOS B4350A4109M000 Datasheet HTML 7Page - EPCOS B4350A4109M000 Datasheet HTML 8Page - EPCOS B4350A4109M000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
154 10/02
Compact 105 °C
B43560 / B43580
Overview of available types
The capacitance and voltage ratings listed above are available in different cases upon request.
Other voltage and capacitance ratings are also available upon request.
UR (VDC)
350
400
450
CR (µF)
Case dimensions
d
× l (mm)
2 200
64,3
× 105,7
64,3
× 130,7
2 700
64,3
× 105,7
3 300
64,3
× 130,7
76,9
× 130,7
3 900
76,9
× 105,7
4 700
64,3
× 143,2
76,9
× 105,7
76,9
× 130,7
76,9
× 168,7
91,0
× 144,5
6 000
76,9
× 130,7
76,9
× 220,7
6 800
76,9
× 143,2
91,0
× 144,5
91,0
× 191,0
8 200
91,0
× 144,5
91,0
× 170,0
76,9
× 220,7
91,0
× 221,0
10 000
76,9
× 220,7
12 000
91,0
× 221,0
15 000
91,0
× 221,0


Similar Part No. - B4350A4109M000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B4350-30C ETC-B4350-30C Datasheet
998Kb / 8P
   End Launch Connector Series
logo
EPCOS
B43501 EPCOS-B43501 Datasheet
292Kb / 11P
   Snap-In Capacitors Long Useful Life - 85
B43501A0107M000 EPCOS-B43501A0107M000 Datasheet
292Kb / 11P
   Snap-In Capacitors Long Useful Life - 85
B43501A0107M000 EPCOS-B43501A0107M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B43501A0107M000 EPCOS-B43501A0107M000 Datasheet
294Kb / 11P
   Snap-In Capacitors
More results

Similar Description - B4350A4109M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com