Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME51076IHAADJZ Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME51076IHAADJZ
Description  PWM Control 3A Buck Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME51076IHAADJZ Datasheet(HTML) 3 Page - Analog Microelectronics

  AME51076IHAADJZ Datasheet HTML 1Page - Analog Microelectronics AME51076IHAADJZ Datasheet HTML 2Page - Analog Microelectronics AME51076IHAADJZ Datasheet HTML 3Page - Analog Microelectronics AME51076IHAADJZ Datasheet HTML 4Page - Analog Microelectronics AME51076IHAADJZ Datasheet HTML 5Page - Analog Microelectronics AME51076IHAADJZ Datasheet HTML 6Page - Analog Microelectronics AME51076IHAADJZ Datasheet HTML 7Page - Analog Microelectronics AME51076IHAADJZ Datasheet HTML 8Page - Analog Microelectronics AME51076IHAADJZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AME, Inc.
3
AME5107
Rev.A.01
PWM Control 3A Buck
Converter
C
n Pin Configuration
SOP-8
Top View
AME5107
1. FB
2. EN
3. OCSET
4. IN
5. SW
6. SW
7. GND
8. GND
* Die Attach:
Conductive Epoxy
n Pin Description
Pin Number
Pin Name
Pin Description
1
FB
Output voltage Feedback input.
Set the output voltage by selecting values for Ra and Rb using:
Connect the ground of the feedback network to an AGND (Analog
Ground) plane which should be tied directly to the GND pin.
2
EN
Enable Control Input, active high.
The enable pin is an active high control. Tie this pin above 2V to enable
the device. Tie this pin below 0.8V to shut down the device. In shutdown,
all function are disabled. Do not leave EN pin floating.
3
OCSET
Add an external resistor to set max output current.
4
IN
Input Supply Voltage Pin.
Bypass this pin with a capacitor. The capacitor shall be placed as close
to the device as possible.
5,6
SW
Switch Node Connection to Inductor.
7,8
GND
Ground.
Tie directly to ground plane.
+
=
Rb
Rb
Ra
V
V
OUT
8
.
0
1
3
2
4
AME5107
5
6
7
8


Similar Part No. - AME51076IHAADJZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV12AZ AME-AME5104ACDV12AZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV330Z AME-AME5104ACDV330Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV500Z AME-AME5104ACDV500Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDVADJZ AME-AME5104ACDVADJZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
More results

Similar Description - AME51076IHAADJZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2509 TSC-TS2509_13 Datasheet
502Kb / 9P
   3A / 500KHz PWM Buck Converter
TS2509 TSC-TS2509 Datasheet
497Kb / 9P
   3A / 500KHz PWM Buck Converter
TS2515 TSC-TS2515 Datasheet
205Kb / 7P
   3A / 380KHz PWM Buck Converter
TS2508A TSC-TS2508A_12 Datasheet
203Kb / 8P
   3A / 330KHz PWM Buck Converter
TS2508A TSC-TS2508A Datasheet
246Kb / 8P
   3A / 330KHz PWM Buck Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Analog Microelectronics
AME5106 AME-AME5106 Datasheet
213Kb / 12P
   PWM Control 2A Buck Converter
logo
Unisonic Technologies
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com