Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B4350A4828M000 Datasheet(PDF) 6 Page - EPCOS

Part # B4350A4828M000
Description  Capacitors with Screw Terminals
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4350A4828M000 Datasheet(HTML) 6 Page - EPCOS

  B4350A4828M000 Datasheet HTML 1Page - EPCOS B4350A4828M000 Datasheet HTML 2Page - EPCOS B4350A4828M000 Datasheet HTML 3Page - EPCOS B4350A4828M000 Datasheet HTML 4Page - EPCOS B4350A4828M000 Datasheet HTML 5Page - EPCOS B4350A4828M000 Datasheet HTML 6Page - EPCOS B4350A4828M000 Datasheet HTML 7Page - EPCOS B4350A4828M000 Datasheet HTML 8Page - EPCOS B4350A4828M000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
155 10/02
Compact 105 °C
B43560 / B43580
Technical data and ordering codes
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20 °C
m
Zmax
10 kHz
20 °C
m
I~max
100 Hz
40 °C
A
I~max
100 Hz
85 °C
A
I~R
100 Hz
105 °C
A
I~R(B)
100 Hz
105 °C
A
Ordering code1)2)
350
2 700 64,3
× 105,7 69
55
27
21
8,5
15
B435*0A4278M000
3 900 76,9
× 105,7 48
38
35
27
11
22
B435*0A4398M000
4 700 64,3
× 143,2 40
32
40
31
13
21
B435*0A4478M000
4 700 76,9
× 105,7 40
32
39
30
13
25
B435*0C4478M000
6 000 76,9
× 130,7 31
25
47
36
15
27
B435*0A4608M000
6 800 76,9
× 143,2 27
22
50
40
17
29
B435*0A4688M000
8 200 91,0
× 144,5 23
18
61
48
20
35
B435*0A4828M000
10 000 76,9
× 220,7 19
15
50
50
24
34
B435*0A4109M000
15 000 91,0
× 221,0 12
10
70
70
31
48
B435*0A4159M000
400
2 200 64,3
× 105,7 84
68
24
19
7,8
14
B435*0A9228M000
3 300 64,3
× 130,7 56
45
32
25
10
17
B435*0A9338M000
4 700 76,9
× 130,7 40
32
41
32
13
24
B435*0A9478M000
6 800 91,0
× 144,5 27
22
56
43
18
32
B435*0A9688M000
8 200 91,0
× 170,0 23
18
65
50
21
35
B435*0A9828M000
8 200 76,9
× 220,7 23
18
50
50
22
31
B435*0C9828M000
12 000 91,0
× 221,0 15
12
70
65
27
43
B435*0A9129M000
450
2 200 64,3
× 130,7 84
68
26
20
8,4
14
B435*0A5228M000
3 300 76,9
× 130,7 56
45
35
27
11
20
B435*0A5338M000
4 700 76,9
× 168,7 40
32
45
35
15
24
B435*0A5478M000
4 700 91,0
× 144,5 40
32
46
36
15
27
B435*0C5478M000
6 000 76,9
× 220,7 31
25
50
44
18
27
B435*0A5608M000
6 800 91,0
× 191,0 27
22
61
47
20
32
B435*0A5688M000
8 200 91,0
× 221,0 23
18
70
54
22
35
B435*0A5828M000
1) * “6” = for capacitors with ring clip/clamp mounting
“8” = for capacitors with threaded stud
2) For 2-pad solution (types without threaded stud) and for low-inductance design, see page 153.


Similar Part No. - B4350A4828M000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B4350-30C ETC-B4350-30C Datasheet
998Kb / 8P
   End Launch Connector Series
logo
EPCOS
B43501 EPCOS-B43501 Datasheet
292Kb / 11P
   Snap-In Capacitors Long Useful Life - 85
B43501A0107M000 EPCOS-B43501A0107M000 Datasheet
292Kb / 11P
   Snap-In Capacitors Long Useful Life - 85
B43501A0107M000 EPCOS-B43501A0107M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B43501A0107M000 EPCOS-B43501A0107M000 Datasheet
294Kb / 11P
   Snap-In Capacitors
More results

Similar Description - B4350A4828M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com