Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ10ELT20 Datasheet(PDF) 1 Page - Arizona Microtek, Inc

Part # AZ10ELT20
Description  CMOS/TTL to Differential PECL Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ10ELT20 Datasheet(HTML) 1 Page - Arizona Microtek, Inc

  AZ10ELT20 Datasheet HTML 1Page - Arizona Microtek, Inc AZ10ELT20 Datasheet HTML 2Page - Arizona Microtek, Inc AZ10ELT20 Datasheet HTML 3Page - Arizona Microtek, Inc AZ10ELT20 Datasheet HTML 4Page - Arizona Microtek, Inc AZ10ELT20 Datasheet HTML 5Page - Arizona Microtek, Inc AZ10ELT20 Datasheet HTML 6Page - Arizona Microtek, Inc AZ10ELT20 Datasheet HTML 7Page - Arizona Microtek, Inc AZ10ELT20 Datasheet HTML 8Page - Arizona Microtek, Inc AZ10ELT20 Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AZ10ELT20
AZ100ELT20
CMOS/TTL to Differential PECL Translator
1630 S. STAPLEY DR., SUITE 127
• MESA, ARIZONA 85204 • USA • (480) 962-5881 • FAX (480) 890-2541
www.azmicrotek.com
ARIZONA MICROTEK, INC.
FEATURES
0.5ns Typical Propagation Delay
Differential PECL Outputs
Flow Through Pinouts
Operating Range of +3.0V to +5.5V
Direct Replacement for ON Semi
MC10ELT20, MC100ELT20,
MC100LVELT20 & Micrel
SY89329V
Available in 2x2 and 3x3 mm MLP
Packages
IBIS Model Files Available on
Arizona Microtek Website
DESCRIPTION
The
AZ10/100ELT20
is
a
CMOS/TTL
to
differential
PECL
translator. It operates with a single power
supply of +3.0 to +5.5 volts, making it ideal for both LVCMOS/LVTTL and CMOS/TTL applications. The
extremely small MLP 8 2x2 mm package makes it ideal for those applications where space, performance and low
power are at a premium.
When the D input is left floating, the Q output is forced HIGH, and the Q
¯ output is forced LOW.
The ELT20 is available in both PECL standards: the AZ10ELT20 is compatible with PECL 10K logic levels
while the AZ100ELT20 is compatible with PECL 100K logic levels.
NOTE: Specifications in the PECL tables are valid when thermal equilibrium is established.
BLOCK DIAGRAM
D
Q
Q
PACKAGE AVAILABILITY
PACKAGE
PART NUMBER
MARKING
NOTES
MLP 8 (2x2x0.75)
AZ100ELT20N
TC
<Date Code>
1,2
MLP 8 (2x2x0.75)
Green / RoHS
Compliant / Lead
(Pb) Free
AZ100ELT20NG
TCG
<Date Code>
1,2
MLP 16 (3x3)
Green / RoHS
Compliant / Lead
(Pb) Free
AZ10/100ELT20LG
AZMG
T20
<Date Code>
1,2
SOIC 8
AZ10ELT20D
AZM10
ELT20
1,2,3
SOIC 8
AZ100ELT20D
AZM100
ELT20
1,2,3
SOIC 8 Green /
RoHS Compliant /
Lead (Pb) Free
AZ100ELT20DG
AZM100G
ELT20
1,2,3
TSSOP 8 Green /
RoHS Compliant /
Lead (Pb) Free
AZ100ELT20TG
AZHG
LT20
1,2,3
DIE
AZ10/100ELT20XP
N/A
4
1
Add R1 at end of part number for 7 inch (1K parts), R2 for 13 inch (2.5K
parts) Tape & Reel.
2
Date code format: “Y” or “YY” for year followed by “WW” for week.
3
Date code “YWW” or “YYWW” on underside of part.
4
Waffle Pack.


Similar Part No. - AZ10ELT20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10ELT20 ETC-AZ10ELT20 Datasheet
175Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
Arizona Microtek, Inc
AZ10ELT20 AZM-AZ10ELT20 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
AZ10ELT20D AZM-AZ10ELT20D Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
More results

Similar Description - AZ10ELT20

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10ELT22 AZM-AZ10ELT22_08 Datasheet
72Kb / 6P
   CMOS/TTL to Differential PECL Translator
AZ100ELT20 AZM-AZ100ELT20_12 Datasheet
469Kb / 8P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ10ELT20 ETC-AZ10ELT20 Datasheet
175Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
Arizona Microtek, Inc
AZ10ELT20 AZM-AZ10ELT20 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ100ELT21 ETC1-AZ100ELT21 Datasheet
146Kb / 5P
   Differential PECL to CMOS/TTL Translator
logo
Arizona Microtek, Inc
AZ100ELT21 AZM-AZ100ELT21_12 Datasheet
406Kb / 6P
   Differential PECL to CMOS/TTL Translator
AZ100ELT21 AZM-AZ100ELT21 Datasheet
67Kb / 5P
   Differential PECL to CMOS/TTL Translator
AZ10ELT22 AZM-AZ10ELT22 Datasheet
73Kb / 6P
   CMOS/TTL to Differential PECL Translator
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Arizona Microtek, Inc
AZ100ELT22 AZM-AZ100ELT22_12 Datasheet
427Kb / 7P
   Dual CMOS/TTL to Differential PECL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com