Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ100ELT20 Datasheet(PDF) 2 Page - Arizona Microtek, Inc

Part # AZ100ELT20
Description  CMOS/TTL to Differential PECL Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100ELT20 Datasheet(HTML) 2 Page - Arizona Microtek, Inc

  AZ100ELT20 Datasheet HTML 1Page - Arizona Microtek, Inc AZ100ELT20 Datasheet HTML 2Page - Arizona Microtek, Inc AZ100ELT20 Datasheet HTML 3Page - Arizona Microtek, Inc AZ100ELT20 Datasheet HTML 4Page - Arizona Microtek, Inc AZ100ELT20 Datasheet HTML 5Page - Arizona Microtek, Inc AZ100ELT20 Datasheet HTML 6Page - Arizona Microtek, Inc AZ100ELT20 Datasheet HTML 7Page - Arizona Microtek, Inc AZ100ELT20 Datasheet HTML 8Page - Arizona Microtek, Inc AZ100ELT20 Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AZ10ELT20
AZ100ELT20
April 2008 * REV - 19
www.azmicrotek.com
2
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Characteristic
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
0 to +8.0
V
VIN
Input Voltage
0 to +6.0
V
IOUT
Current Applied to Output in Low Output State
— Continuous
— Surge
50
100
mA
TA
Operating Temperature Range (In Free-Air)
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TTL/CMOS INPUT DC CHARACTERISTICS (GND = 0.0V, VCC = +3.0V to +5.5V)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
IIH
Input HIGH Current
15
μA
VIN = 2.7V
IIHH
Input HIGH Current
20
μA
VIN = VCC
IIL
Input LOW Current
-0.1
mA
VIN = 0.5V
VIK
Input Clamp Diode Voltage
-1.2
V
IIN = -18mA
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
10K LVPECL DC Characteristics (GND = 0.0V, VCC = +3.3V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1,2
2220
2410
2280
2460
2320
2490
2390
2580
mV
VOL
Output LOW Voltage
1,2
1350
1650
1350
1670
1350
1670
1350
1705
mV
ICC
Power Supply Current
3
16
16
16
16
mA
1.
Output parameters vary 1:1 with VCC.
2.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
3.
ICC measurements must be done with outputs open.
10K PECL DC Characteristics (GND = 0.0V, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1,2
3920
4110
3980
4160
4020
4190
4090
4280
mV
VOL
Output LOW Voltage
1,2
3050
3350
3050
3370
3050
3370
3050
3405
mV
ICC
Power Supply Current
3
16
16
16
16
mA
1.
Output parameters vary 1:1 with VCC.
2.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
3.
ICC measurements must be done with outputs open.
100K LVPECL DC Characteristics (GND = 0.0V, VCC = +3.3V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1,2
2220
2420
2275
2420
2275
2420
2275
2420
mV
VOL
Output LOW Voltage
1,2
1400
1750
1400
1680
1400
1680
1400
1680
mV
ICC
Power Supply Current
3
16
16
16
16
mA
1.
Output parameters vary 1:1 with VCC.
2.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
3.
ICC measurements must be done with outputs open.
100K PECL DC Characteristics (GND = 0.0V, VCC = +5.0V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
1,2
3920
4120
3975
4120
3975
4120
3975
4120
mV
VOL
Output LOW Voltage
1,2
3100
3450
3100
3380
3100
3380
3100
3380
mV
ICC
Power Supply Current
3
16
16
16
16
mA
1.
Output parameters vary 1:1 with VCC.
2.
Each output is terminated through a 50
Ω resistor to V
CC – 2V.
3.
ICC measurements must be done with outputs open.


Similar Part No. - AZ100ELT20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ100ELT20 ETC-AZ100ELT20 Datasheet
175Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
Arizona Microtek, Inc
AZ100ELT20 AZM-AZ100ELT20 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
AZ100ELT20 AZM-AZ100ELT20 Datasheet
469Kb / 8P
   CMOS/TTL to Differential PECL Translator
AZ100ELT20D AZM-AZ100ELT20D Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
AZ100ELT20D++ AZM-AZ100ELT20D+ Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
More results

Similar Description - AZ100ELT20

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10ELT22 AZM-AZ10ELT22_08 Datasheet
72Kb / 6P
   CMOS/TTL to Differential PECL Translator
AZ100ELT20 AZM-AZ100ELT20_12 Datasheet
469Kb / 8P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ10ELT20 ETC-AZ10ELT20 Datasheet
175Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
Arizona Microtek, Inc
AZ10ELT20 AZM-AZ10ELT20 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ100ELT21 ETC1-AZ100ELT21 Datasheet
146Kb / 5P
   Differential PECL to CMOS/TTL Translator
logo
Arizona Microtek, Inc
AZ100ELT21 AZM-AZ100ELT21_12 Datasheet
406Kb / 6P
   Differential PECL to CMOS/TTL Translator
AZ100ELT21 AZM-AZ100ELT21 Datasheet
67Kb / 5P
   Differential PECL to CMOS/TTL Translator
AZ10ELT22 AZM-AZ10ELT22 Datasheet
73Kb / 6P
   CMOS/TTL to Differential PECL Translator
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Arizona Microtek, Inc
AZ100ELT22 AZM-AZ100ELT22_12 Datasheet
427Kb / 7P
   Dual CMOS/TTL to Differential PECL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com