Part Name
         Description
AZ10ELT20_08

 CMOS/TTL to Differential PECL Translator ( 10 Page)


AZM
100% 
Zoom Out Zoom In
 
 1 page
background image
AZ10ELT20
AZ100ELT20
CMOS/TTL to Differential PECL Translator
1630 S. STAPLEY DR., SUITE 127
• MESA, ARIZONA 85204 • USA • (480) 962-5881 • FAX (480) 890-2541
www.azmicrotek.com
ARIZONA MICROTEK, INC.
FEATURES
0.5ns Typical Propagation Delay
Differential PECL Outputs
Flow Through Pinouts
Operating Range of +3.0V to +5.5V
Direct Replacement for ON Semi
MC10ELT20, MC100ELT20,
MC100LVELT20 & Micrel
SY89329V
Available in 2x2 and 3x3 mm MLP
Packages
IBIS Model Files Available on
Arizona Microtek Website
DESCRIPTION
The
AZ10/100ELT20
is
a
CMOS/TTL
to
differential
PECL
translator. It operates with a single power
supply of +3.0 to +5.5 volts, making it ideal for both LVCMOS/LVTTL and CMOS/TTL applications. The
extremely small MLP 8 2x2 mm package makes it ideal for those applications where space, performance and low
power are at a premium.
When the D input is left floating, the Q output is forced HIGH, and the Q
¯ output is forced LOW.
The ELT20 is available in both PECL standards: the AZ10ELT20 is compatible with PECL 10K logic levels
while the AZ100ELT20 is compatible with PECL 100K logic levels.
NOTE: Specifications in the PECL tables are valid when thermal equilibrium is established.
BLOCK DIAGRAM
D
Q
Q
PACKAGE AVAILABILITY
PACKAGE
PART NUMBER
MARKING
NOTES
MLP 8 (2x2x0.75)
AZ100ELT20N
TC
<Date Code>
1,2
MLP 8 (2x2x0.75)
Green / RoHS
Compliant / Lead
(Pb) Free
AZ100ELT20NG
TCG
<Date Code>
1,2
MLP 16 (3x3)
Green / RoHS
Compliant / Lead
(Pb) Free
AZ10/100ELT20LG
AZMG
T20
<Date Code>
1,2
SOIC 8
AZ10ELT20D
AZM10
ELT20
1,2,3
SOIC 8
AZ100ELT20D
AZM100
ELT20
1,2,3
SOIC 8 Green /
RoHS Compliant /
Lead (Pb) Free
AZ100ELT20DG
AZM100G
ELT20
1,2,3
TSSOP 8 Green /
RoHS Compliant /
Lead (Pb) Free
AZ100ELT20TG
AZHG
LT20
1,2,3
DIE
AZ10/100ELT20XP
N/A
4
1
Add R1 at end of part number for 7 inch (1K parts), R2 for 13 inch (2.5K
parts) Tape & Reel.
2
Date code format: “Y” or “YY” for year followed by “WW” for week.
3
Date code “YWW” or “YYWW” on underside of part.
4
Waffle Pack.



Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AZ100ELT21Differential PECL to CMOS/TTL Translator 1 2 3 4 5 Arizona Microtek, Inc
AZ10ELT22CMOS/TTL to Differential PECL Translator 1 2 3 4 5 MoreArizona Microtek, Inc
AZ100ELT23Dual Differential PECL to CMOS/TTL Translator 1 2 3 4 5 Arizona Microtek, Inc
AZ10ELT22_08CMOS/TTL to Differential PECL Translator 1 2 3 4 5 MoreArizona Microtek, Inc
AZ10ELT20CMOS/TTL to Differential PECL Translator 1 2 3 4 5 MoreArizona Microtek, Inc
MC10ELT21_065 V Differential PECL to TTL Translator 1 2 3 4 5 MoreON Semiconductor
MC10ELT22_065.0 V Dual TTL to Differential PECL Translator 1 2 3 4 5 MoreON Semiconductor
MC100ELT23_065 V Dual Differential PECL to TTL Translator 1 2 3 4 5 MoreON Semiconductor
MC10ELT205VTTL to Differential PECL Translator 1 2 3 4 5 MoreON Semiconductor
MC10ELT28_065 V TTL to Differential PECL and Differential PECL to TTL Translator 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl