Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ10ELT20 Datasheet(PDF) 4 Page - Arizona Microtek, Inc

Part # AZ10ELT20
Description  CMOS/TTL to Differential PECL Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ10ELT20 Datasheet(HTML) 4 Page - Arizona Microtek, Inc

  AZ10ELT20_08 Datasheet HTML 1Page - Arizona Microtek, Inc AZ10ELT20_08 Datasheet HTML 2Page - Arizona Microtek, Inc AZ10ELT20_08 Datasheet HTML 3Page - Arizona Microtek, Inc AZ10ELT20_08 Datasheet HTML 4Page - Arizona Microtek, Inc AZ10ELT20_08 Datasheet HTML 5Page - Arizona Microtek, Inc AZ10ELT20_08 Datasheet HTML 6Page - Arizona Microtek, Inc AZ10ELT20_08 Datasheet HTML 7Page - Arizona Microtek, Inc AZ10ELT20_08 Datasheet HTML 8Page - Arizona Microtek, Inc AZ10ELT20_08 Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AZ10ELT20
AZ100ELT20
April 2008 * REV - 19
www.azmicrotek.com
4
NC
NC
NC
GND
NC
D
4
3
2
1
58
7
6
10
9
12
11
NC
NC
10K
13
14
15
16
VCC
Q
NC
NC
MLP 16
3x3mm
Top View
Q
NC
NC
Leave Center Bottom Pad open or connect to GND.
8
5
6
7
4
3
2
1
VCC
D
NC
GND
NC
Q
Q
NC
SOIC 8
TSSOP 8
MLP 16 (L) Package and DIE:
10K/100K Selection
Connect pin/pad 10K to GND to select
10K operation. Float (NC) pin/pad 10K
to select 100K operation. GND
connection must be less than 1
Ω.
Pin 8 of the MLP 16 package may be
connected to pin 7 (GND) with no effect
on the circuit.
NC
4
3
2
1
6
5
8
7
MLP 8, 2x2mm
NC
VCC
TOP VIEW
Q
Q
GND
D
NC
Leave Center Bottom Pad open or connect to GND.
PIN DESCRIPTION
PIN
FUNCTION
Q, Q
¯
Differential PECL Outputs
D
TTL/CMOS Input
GND
Ground
VCC
Positive Supply
NC
No Connect, Leave Open
Except as Noted
10K
10K/100K Mode Select
AZ10ELT20D
AZ100ELT20D
AZ100ELT20T
AZ10/100ELT20L
AZ100ELT20N


Similar Part No. - AZ10ELT20_08

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10ELT20D AZM-AZ10ELT20D Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
More results

Similar Description - AZ10ELT20_08

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10ELT22 AZM-AZ10ELT22_08 Datasheet
72Kb / 6P
   CMOS/TTL to Differential PECL Translator
AZ100ELT20 AZM-AZ100ELT20_12 Datasheet
469Kb / 8P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ10ELT20 ETC-AZ10ELT20 Datasheet
175Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
Arizona Microtek, Inc
AZ10ELT20 AZM-AZ10ELT20 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ100ELT21 ETC1-AZ100ELT21 Datasheet
146Kb / 5P
   Differential PECL to CMOS/TTL Translator
logo
Arizona Microtek, Inc
AZ100ELT21 AZM-AZ100ELT21_12 Datasheet
406Kb / 6P
   Differential PECL to CMOS/TTL Translator
AZ100ELT21 AZM-AZ100ELT21 Datasheet
67Kb / 5P
   Differential PECL to CMOS/TTL Translator
AZ10ELT22 AZM-AZ10ELT22 Datasheet
73Kb / 6P
   CMOS/TTL to Differential PECL Translator
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Arizona Microtek, Inc
AZ100ELT22 AZM-AZ100ELT22_12 Datasheet
427Kb / 7P
   Dual CMOS/TTL to Differential PECL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com