Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43560 Datasheet(PDF) 7 Page - EPCOS

Part # B43560
Description  Capacitors with Screw Terminals
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43560 Datasheet(HTML) 7 Page - EPCOS

  B43560_02 Datasheet HTML 1Page - EPCOS B43560_02 Datasheet HTML 2Page - EPCOS B43560_02 Datasheet HTML 3Page - EPCOS B43560_02 Datasheet HTML 4Page - EPCOS B43560_02 Datasheet HTML 5Page - EPCOS B43560_02 Datasheet HTML 6Page - EPCOS B43560_02 Datasheet HTML 7Page - EPCOS B43560_02 Datasheet HTML 8Page - EPCOS B43560_02 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
156 10/02
Compact 105 °C
B43560 / B43580
Useful life
depending on ambient temperature
TA (for natural cooling) and versus temperature of case base TB
(for base cooling) under ripple current operating conditions1)
Frequency factor of
permissible ripple current
I~
versus frequency
f
1,0
0
40
0,5
50
60
A
70
80
90
T
100
B
;
T
110
˚C
2,0
1,5
2,5
3,5
KAL0545-F
B43560/580
R
Ι
R
Ι~
Ι~
Ι~
;
(B)
~
1) The ripple current refers to
I~
R for natural cooling or to I~R(B) for base cooling, respectively.
Refer to page 40 for an explanation on how to interpret the useful life graphs.
KAL0688-5
0,6
f
10 1
Hz
2
10
3
10
4
10
55
0,7
0,8
0,9
1,0
1,1
1,2
1,3
1,5
B43560/580
Ι
100 Hz
f
~
Ι ~


Similar Part No. - B43560_02

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560A4109M000 EPCOS-B43560A4109M000 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
B43560A4159M000 EPCOS-B43560A4159M000 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
B43560A4278M000 EPCOS-B43560A4278M000 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
B43560A4398M000 EPCOS-B43560A4398M000 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
B43560A4478M000 EPCOS-B43560A4478M000 Datasheet
180Kb / 9P
   Capacitors with Screw Terminals
More results

Similar Description - B43560_02

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com