Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WI25C221J1U Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WI25C221J1U
Description  WIRE WOUND INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WI25C221J1U Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WI25C221J1U Datasheet HTML 1Page - List of Unclassifed Manufacturers WI25C221J1U Datasheet HTML 2Page - List of Unclassifed Manufacturers WI25C221J1U Datasheet HTML 3Page - List of Unclassifed Manufacturers WI25C221J1U Datasheet HTML 4Page - List of Unclassifed Manufacturers WI25C221J1U Datasheet HTML 5Page - List of Unclassifed Manufacturers WI25C221J1U Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series
WI - C
WI20C18
Part Number
L (µH)
Tolerance
( ±% )
Q
Min.
Test
Frequency
(MHz)
SRF
(MHz)
Min.
RDC
(Ω )Max.
IDC (mA)
WI20C182 □ - 1U
1.00
J,K
25
7.96
300
0.34
1500
WI20C182 □ - 1U5
1.50
J,K
25
7.96
270
0.42
1400
WI20C182 □ - 2U2
2.20
J,K
25
7.96
140
0.5
1200
WI20C182 □ - 3U3
3.30
J,K
25
7.96
95
0.65
1000
WI20C182 □ - 4U7
4.70
J,K
25
7.96
90
0.8
800
WI20C182 □ - 6U8
6.80
J,K
25
7.96
68
1
730
WI20C182 □ - 10U
10.00
J,K
20
2.52
45
1.5
700
WI20C182 □ - 15U
15.00
J,K
20
2.52
40
2.2
500
WI20C182 □ - 22U
22.00
J,K
20
2.52
25
2.7
470
WI20C182 □ - 33U
33.00
J,K
20
2.52
25
4
400
WI20C182 □ - 47U
47.00
J,K
16
2.52
20
8
300
Tolerance: J = ±5%, K = ±10%
Operating temperature range from -25℃ to 85℃ .
L/Q : Agilent/HP4291 & Agilent/HP16193A
Test Instruments : HP4291A Impedance / Material Analyzer
SRF: Agilent/HP4291A
RDC: DIGITAL MULTIMETER CH502BC / HP4338B
IDC for Inductance drp 10% from its value without current
Gausstek Corp.
WIRE WOUND INDUCTORS FERRITE BASE / LARGE CURRENT
ELECTRICAL CHARATERISTICS


Similar Part No. - WI25C221J1U

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI252018 SUPERWORLD-WI252018 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018-101JF-11 SUPERWORLD-WI252018-101JF-11 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018-101JF-22 SUPERWORLD-WI252018-101JF-22 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018-101JF-55 SUPERWORLD-WI252018-101JF-55 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018-101JF-77 SUPERWORLD-WI252018-101JF-77 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
More results

Similar Description - WI25C221J1U

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL32TTE1R0J KOA-KL32TTE1R0J Datasheet
1,017Kb / 2P
   WIRE WOUND INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com