Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17-21UBC Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 17-21UBC
Description  Chip LED (1.1mm Height)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

17-21UBC Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  17-21UBC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 17-21UBC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 17-21UBC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 17-21UBC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 17-21UBC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 17-21UBC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 17-21UBC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 17-21UBC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 17-21UBC Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 3 of 9
Device No.;SZ DSE-171-029
Prepared date:17-Aug-2005
Prepared by:Meng Yali
17-21UBC/C430/TR8
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40~ +100
Electrostatic
Discharge(HBM)
ESD
1000
V
Power Dissipation
Pd
130
mW
Peak Forward Current
(Duty 1/10 @1KHz)
IF
70
mA
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
11.5
45.0
mcd
Viewing Angle
2θ1/2
-----
140
-----
deg
Peak Wavelength
λp
-----
428
-----
nm
Dominant Wavelength
λd
-----
466
-----
nm
Spectrum Radiation
Bandwidth
△λ
-----
65
-----
nm
Forward Voltage
VF
-----
3.8
4.5
V
IF=20mA
Reverse Current
IR
-----
-----
50
μA
VR=5V
Notes:
1.Tolerance of Luminous Intensity ±10%
2.Tolerance of Dominant Wavelength ±1nm
3.Tolerance of Forward Voltage ±0.10V


Similar Part No. - 17-21UBC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-21UYC EVERLIGHT-17-21UYC Datasheet
152Kb / 10P
   Chip LEDs
17-21UYC-S530-A3-TR8 EVERLIGHT-17-21UYC-S530-A3-TR8 Datasheet
227Kb / 9P
   0805 Package Chip LED(1.0mm Height)
17-21UYC/S530-XX/TR8 EVERLIGHT-17-21UYC/S530-XX/TR8 Datasheet
152Kb / 10P
   Chip LEDs
More results

Similar Description - 17-21UBC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
G6C-AP1Q1B EVERLIGHT-G6C-AP1Q1B Datasheet
210Kb / 10P
   Chip LED(1.1mm Height)
GHC-YR1S2 EVERLIGHT-GHC-YR1S2 Datasheet
158Kb / 10P
   Chip LED (1.1mm Height)
17-21SURC-S530-XX EVERLIGHT-17-21SURC-S530-XX Datasheet
158Kb / 9P
   Chip LED (1.1mm Height)
SIR15-21C EVERLIGHT-SIR15-21C Datasheet
218Kb / 10P
   Chip LED(1.1mm Height)
R6C-AN2Q1B EVERLIGHT-R6C-AN2Q1B Datasheet
219Kb / 10P
   Chip LED (1.1mm Height)
W1D-APQHY EVERLIGHT-W1D-APQHY Datasheet
159Kb / 11P
   Chip LED (1.1mm Height)
15-11-BHC-AN1P2-2T EVERLIGHT-15-11-BHC-AN1P2-2T Datasheet
163Kb / 10P
   1206 Package Chip LED (1.1mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
23-21-R8C-AN2Q1B-2T TO-GRACE-23-21-R8C-AN2Q1B-2T Datasheet
1Mb / 10P
   1206 Package Chip LED ( 1.1mm Height )
15-21-R6C-AN1P2-2T TO-GRACE-15-21-R6C-AN1P2-2T Datasheet
738Kb / 10P
   1206 Package Chip LED(1.1mm Height)
logo
Everlight Electronics C...
15-21-R6C-AN1P2-2T EVERLIGHT-15-21-R6C-AN1P2-2T Datasheet
160Kb / 10P
   1206 Package Chip LED(1.1mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com