Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23079-G1011-B301 Datasheet(PDF) 5 Page - Tyco Electronics

Part # V23079-G1011-B301
Description  P2 Relay
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23079-G1011-B301 Datasheet(HTML) 5 Page - Tyco Electronics

  V23079-G1011-B301 Datasheet HTML 1Page - Tyco Electronics V23079-G1011-B301 Datasheet HTML 2Page - Tyco Electronics V23079-G1011-B301 Datasheet HTML 3Page - Tyco Electronics V23079-G1011-B301 Datasheet HTML 4Page - Tyco Electronics V23079-G1011-B301 Datasheet HTML 5Page - Tyco Electronics V23079-G1011-B301 Datasheet HTML 6Page - Tyco Electronics V23079-G1011-B301 Datasheet HTML 7Page - Tyco Electronics V23079-G1011-B301 Datasheet HTML 8Page - Tyco Electronics V23079-G1011-B301 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
P2 Relay
V23079
Contact Data
Insulation
Number of contacts and type
Contact assembly
Contact material
Limiting continuous current at max. ambient temperature
Maximum switching current
Maximum swichting voltage
Maximum switching capacity
Thermoelectric potential
Minimum switching voltage
Initial contact resistance / measuring condition: 10 mA / 20 mV
Electrical endurance
at 12 V / 10 mA
at 6 V / 100 mA
at 60 V / 500 mA
at 30 V / 1000 mA
at 30 V / 2000 mA
Mechanical endurance
UL contact ratings
2 changeover contacts
Bifurcated contacts
Silver nickel, gold-covered
2 A
5 A
220 Vdc
250 Vac
60 W, 62.5 VA
< 10 mV
100 mV
< 50 mW
typ. 5 x 107 operations
typ. 1 x 107 operations
typ. 5 x 105 operations
typ. 1 x 106 operations
typ. 2 x 105 operations
typ. 108 operations
220 Vdc / 0.24 A - 60 W
125 Vdc / 0.24 A - 30 W
250 Vac / 0.25 A - 62.5 VA
125 Vac / 0.5 A - 62.5 VA
30 Vdc / 2 A - 60 W
Insulation resistance at 500 VDC
Dielectric test voltage (1 min)
between coil and contacts (Relay with 1 coil)
between adjacent contact sets
between open contacts
Surge voltage resistance
according to Bellcore TR-NWT-001089 (2 / 10 ms)
between coil and contacts (Relay with 1 coil)
between adjacent contact sets
between open contacts
according to FCC 68 (10 / 160 ms)
between coil and contacts (Relay with 1 coil)
between adjacent contact sets
between open contacts
> 109 W
1500 Vrms
1000 Vrms
1000 Vrms (1500 Vrms on request)
2500 V
2500 V
2000 V
1500 V
1500 V
1500 V
5
Capacitance
between coil and contacts
between adjacent contact sets
between open contacts
RF Characteristics
Isolation at 100 / 900 MHz
Insertion loss at 100 / 900 MHz
V.S.W.R. at 100 / 900 MHz
max. 2 pF
max. 1.5 pF
max. 1 pF
- 39.0 dB / - 20.7 dB
- 0.02 dB / - 0.27 dB
1.04 / 1.40
High Frequency Data


Similar Part No. - V23079-G1011-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079-G1011-B301 MACOM-V23079-G1011-B301 Datasheet
1Mb / 14P
   P2 V23079 Relay
More results

Similar Description - V23079-G1011-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079 MACOM-V23079_06 Datasheet
1Mb / 14P
   P2 V23079 Relay
V23079 MACOM-V23079_12 Datasheet
2Mb / 7P
   P2 Relay V23079
2-1393788-9 MACOM-2-1393788-9 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-0 MACOM-2-1393788-0 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-2 MACOM-2-1393788-2 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-4 MACOM-2-1393788-4 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
V23079D2001B301 MACOM-V23079D2001B301 Datasheet
22Kb / 1P
   P2- Relay SMT W Dimensions
V23079D2011B301 MACOM-V23079D2011B301 Datasheet
22Kb / 1P
   P2-Relay SMT W Dimensions
2-1393789-0 MACOM-2-1393789-0 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
2-1393789-2 MACOM-2-1393789-2 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com