Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23079-G1002-B301 Datasheet(PDF) 2 Page - Tyco Electronics

Part # V23079-G1002-B301
Description  P2 Relay
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23079-G1002-B301 Datasheet(HTML) 2 Page - Tyco Electronics

  V23079-G1002-B301 Datasheet HTML 1Page - Tyco Electronics V23079-G1002-B301 Datasheet HTML 2Page - Tyco Electronics V23079-G1002-B301 Datasheet HTML 3Page - Tyco Electronics V23079-G1002-B301 Datasheet HTML 4Page - Tyco Electronics V23079-G1002-B301 Datasheet HTML 5Page - Tyco Electronics V23079-G1002-B301 Datasheet HTML 6Page - Tyco Electronics V23079-G1002-B301 Datasheet HTML 7Page - Tyco Electronics V23079-G1002-B301 Datasheet HTML 8Page - Tyco Electronics V23079-G1002-B301 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 pole telecom relay, polarized,
Through Hole Type (THT) or
Surface Mount Technology (SMT),
Relay types:
non-latching with 1 coil
latching with 2 coils
latching with 1 coil
Features
– Standard telecom relay (ringing and test access)
– Slim line 15 x 7.5 mm, 0.590 x 0.295 inch
– Switching current 5 A
– 2 changeover contacts (2 form C / DPDT)
– Bifurcated contacts
– Immersion cleanable
– High sensitivity results in low nominal power consumption
140 mW for non-latching and latching with 2 coils
70 mW for latching with 1 coil
– For single coil version:
- Surge voltage resistance between
contact and coil for single coil version:
- 2.5 kV (2 / 10 µsec) meets the Bellcore Requirement GR-1089
- 1.5 kV (10 / 160 µsec) meets FCC Part 68
Typical applications
– Communications equipment
linecard application (ringing and test access)
PABX
Voice over IP
– Office equipment
– Measurement and control equipment
– Automotive equipment
CAN bus, keyless entry, speaker switch
– Medical equipment
– Consumer electronics
Set Top Boxes, HiFi
Options
– 1500 Vrms between open contacts
– Temperature range up to 105° C
P2 Relay
V23079
2
UL 508
File No. E111441
UL 60950
QC 160504-CH0003
CECC 811-54-003
Insulation category:
Supplementary insulation according IEC / EN 60950
Working voltage
³ 300 Vrms
Mains supply voltage
³ 250 Vrms
Repetitive peak voltage
2500 V
Pollution degree:
Internal: 1
External: 2
Flammability classification:
V-0
Maximum operating temperature:
85 °C
IEC/EN60950 IEC Ref. Cert. No. CH 2171


Similar Part No. - V23079-G1002-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079-G1002-B301 MACOM-V23079-G1002-B301 Datasheet
1Mb / 14P
   P2 V23079 Relay
More results

Similar Description - V23079-G1002-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079 MACOM-V23079_06 Datasheet
1Mb / 14P
   P2 V23079 Relay
V23079 MACOM-V23079_12 Datasheet
2Mb / 7P
   P2 Relay V23079
2-1393788-9 MACOM-2-1393788-9 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-0 MACOM-2-1393788-0 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-2 MACOM-2-1393788-2 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-4 MACOM-2-1393788-4 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
V23079D2001B301 MACOM-V23079D2001B301 Datasheet
22Kb / 1P
   P2- Relay SMT W Dimensions
V23079D2011B301 MACOM-V23079D2011B301 Datasheet
22Kb / 1P
   P2-Relay SMT W Dimensions
2-1393789-0 MACOM-2-1393789-0 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
2-1393789-2 MACOM-2-1393789-2 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com