Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC123 Datasheet(PDF) 7 Page - STMicroelectronics

Part # HC123
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC123 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HC123 Datasheet HTML 3Page - STMicroelectronics HC123 Datasheet HTML 4Page - STMicroelectronics HC123 Datasheet HTML 5Page - STMicroelectronics HC123 Datasheet HTML 6Page - STMicroelectronics HC123 Datasheet HTML 7Page - STMicroelectronics HC123 Datasheet HTML 8Page - STMicroelectronics HC123 Datasheet HTML 9Page - STMicroelectronics HC123 Datasheet HTML 10Page - STMicroelectronics HC123 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH
tPHL
Propagation
Delay Time
(A, B - Q, Q)
2.0
102
210
265
315
ns
4.5
29
42
53
63
6.0
22
36
45
54
tPLH
tPHL
Propagation
Delay Time
(CLRTRIGGER- Q,Q)
2.0
102
235
295
355
ns
4.5
31
47
59
71
6.0
23
40
50
60
tPLH
tPHL
Propagation
Delay Time
(CLR - Q, Q)
2.0
68
160
200
240
ns
4.5
20
32
40
48
6.0
16
27
34
41
tWOUT
Output Pulse
Width
(for HC123)
2.0
CX = 100 pF
RX =10 K
1.4
µs
4.5
1.2
6.0
1.1
2.0
CX = 0.1
µF
RX = 100 K
4.6
ms
4.5
4.4
6.0
4.3
tWOUT
Output Pulse
Width
(for HC123A)
2.0
CX = 100 pF
RX =10 K
1.9
µs
4.5
1.6
6.0
1.5
2.0
CX = 0.1
µF
RX = 100 K
9.8
ms
4.5
9.5
6.0
9.4
∆tWOUT
Output Pulse
Width Error
Between Circuits
in Same Package
±1
%
tW(H)
tW(L)
Minimum Pulse
Width
2.0
75
95
110
ns
4.5
15
19
22
6.0
13
16
19
tW(L)
Minimum Pulse
Width (CLR)
2.0
75
95
110
ns
4.5
15
19
22
6.0
13
16
19
trr
Minimum
Retrigger Time
2.0
CX = 100 pF
RX =1 K
325
ns
4.5
108
6.0
78
2.0
CX = 0.1
µF
RX = 100 K
5
µs
4.5
1.4
6.0
1.2
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
162
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(RefertoTestCircuit). Average operting current canbeobtained by the following equation. ICC(opr) =CPD
•VCC •fIN +ICC’ Duty/100 + IC/2(per monostable)
(ICC’: Active Supply Current) (Duty:%)
M54/M74HC123/123A
7/14


Similar Part No. - HC123

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
HC123 NSC-HC123 Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
NXP Semiconductors
HC123 PHILIPS-HC123 Datasheet
124Kb / 17P
   Dual retriggerable monostable multivibrator with reset
1998 Jul 08
logo
Texas Instruments
HC123 TI-HC123 Datasheet
56Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Toshiba Semiconductor
HC123 TOSHIBA-HC123 Datasheet
486Kb / 12P
   DUAL MONOSTABLE MULTIVIBRATOR. RETRIGGERBLE/NON-RETRIGGERBLE
logo
System Logic Semiconduc...
HC123 SLS-HC123 Datasheet
59Kb / 6P
   Dual Retriggerable Monostable Multivibrator
More results

Similar Description - HC123

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com