Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL400S-E Datasheet(PDF) 4 Page - ITT Industries

Part # HAL400S-E
Description  Linear Hall Effect Sensor IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

HAL400S-E Datasheet(HTML) 4 Page - ITT Industries

  HAL400S-E Datasheet HTML 1Page - ITT Industries HAL400S-E Datasheet HTML 2Page - ITT Industries HAL400S-E Datasheet HTML 3Page - ITT Industries HAL400S-E Datasheet HTML 4Page - ITT Industries HAL400S-E Datasheet HTML 5Page - ITT Industries HAL400S-E Datasheet HTML 6Page - ITT Industries HAL400S-E Datasheet HTML 7Page - ITT Industries HAL400S-E Datasheet HTML 8Page - ITT Industries HAL400S-E Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HAL400
PRELIMINARY DATA SHEET
4
ITT Semiconductors
Outline Dimensions
2.5 +0.1
4.5 +0.1
1.5
3.1 +0.2
3.0
4.0
±0.25
1.7
0.4
0.1 +0.05
10
°
10
°
1.5 +0.1
0.4
0.4
Fig. 4: Plastic Package SOT-89A
Weight approximately 0.04 g
Dimensions in mm
max. 0.05 –0.05
12
4
3
0.7
0.95
2.25
sensitive area
position of hall sensor
referenced to the
center of package
x = 0
± 0.1 mm
y = 0.3
± 0.1 mm
(0.37 mm x 0.17 mm)
branded side
top view
Absolute Maximum Ratings
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
–15
12
V
IDDZ
Supply Current through
Protection Device
1
–4001)
4001)
mA
IOUT
Output Current
2, 3
–5
5
mA
IOUTZ
Output Current through
Protection Device
1
–3001)
3001)
mA
TS
Storage Temperature Range
–65
150
°C
TJ
Junction Temperature Range
–40
–40
150
1702)
°C
°C
1) t
v2 ms
2) t
t1000 h
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated in the
“Recommended Operating Conditions/Characteristics” of this specification is not implied. Exposure to absolute maxi-
mum ratings conditions for extended periods may affect device reliability.


Similar Part No. - HAL400S-E

ManufacturerPart #DatasheetDescription
logo
LEM
HAL400-S LEM-HAL400-S Datasheet
57Kb / 2P
   Current Transducer HAL 50~600-S
More results

Similar Description - HAL400S-E

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH136 DIWELL-WSH136 Datasheet
432Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
logo
Winson Semiconductor Co...
WSH137 WINSON-WSH137 Datasheet
293Kb / 5P
   Linear Hall Effect Sensor IC
WSH135 WINSON-WSH135_17 Datasheet
236Kb / 4P
   Linear Hall Effect Sensor IC
logo
List of Unclassifed Man...
WSH201 ETC2-WSH201 Datasheet
88Kb / 3P
   Linear Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH201 WINSON-WSH201 Datasheet
119Kb / 3P
   Linear Hall Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH137 DIWELL-WSH137 Datasheet
450Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
WSH138 DIWELL-WSH138 Datasheet
482Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
WSH202 DIWELL-WSH202 Datasheet
487Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
WSH203 DIWELL-WSH203 Datasheet
518Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com