Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95F126JB Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB95F126JB
Description  8-bit Microcontrollers
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F126JB Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB95F126JB Datasheet HTML 6Page - Fujitsu Component Limited. MB95F126JB Datasheet HTML 7Page - Fujitsu Component Limited. MB95F126JB Datasheet HTML 8Page - Fujitsu Component Limited. MB95F126JB Datasheet HTML 9Page - Fujitsu Component Limited. MB95F126JB Datasheet HTML 10Page - Fujitsu Component Limited. MB95F126JB Datasheet HTML 11Page - Fujitsu Component Limited. MB95F126JB Datasheet HTML 12Page - Fujitsu Component Limited. MB95F126JB Datasheet HTML 13Page - Fujitsu Component Limited. MB95F126JB Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
MB95120MB Series
10
■ PIN DESCRIPTION
(Continued)
Pin no.
Pin name
I/O
circuit
type*3
Function
LQFP *1
QFP *2
14
VSS
Power supply pin (GND)
25
C
Capacitor connection pin
36
P00/INT00
C
General-purpose I/O port
The pins are shared with external interrupt input. Large
current port.
47
P01/INT01
58
P02/INT02
69
P03/INT03
7
10
P04/INT04
8
11
P05/INT05
9
12
P06/INT06
10
13
P07/INT07
11
14
P10/UI0
G
General-purpose I/O port
The pin is shared with UART/SIO ch.0 data input.
12
15
P11/UO0
H
General-purpose I/O port
The pin is shared with UART/SIO ch.0 data output.
13
16
P12/UCK0
General-purpose I/O port
The pin is shared with UART/SIO ch.0 clock I/O.
14
17
P13/TRG0/
ADTG
General-purpose I/O port
The pin is shared with 16-bit PPG ch.0 trigger input (TRG0)
and A/D converter trigger input (ADTG).
15
18
P14/PPG0
General-purpose I/O port
The pin is shared with 16-bit PPG ch.0 output.
16
19
P20/PPG00
H
General-purpose I/O port
The pins are shared with 8/16-bit PPG ch.0 output.
17
20
P21/PPG01
18
21
P22/TO00
General-purpose I/O port
The pins are shared with 8/16-bit compound timer ch.0
output.
19
22
P23/TO01
20
23
P24/EC0
General-purpose I/O port
The pin is shared with 8/16-bit compound timer ch.0 clock
input.
21
24
P50/SCL0
I
General-purpose I/O port
The pin is shared with I2C ch.0 clock I/O.
22
25
P51/SDA0
General-purpose I/O port
The pin is shared with I2C ch.0 data I/O.
23
26
P52/PPG1
H
General-purpose I/O port
The pin is shared with 16-bit PPG ch.1 output.
24
27
AVR
A/D converter reference input pin
25
28
AVCC
A/D converter power supply pin


Similar Part No. - MB95F126JB

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95F126JB FUJITSU-MB95F126JB Datasheet
1Mb / 80P
   8-bit Microcontrollers
MB95F126JBPF FUJITSU-MB95F126JBPF Datasheet
1Mb / 80P
   8-bit Microcontrollers
MB95F126JBPMC FUJITSU-MB95F126JBPMC Datasheet
1Mb / 80P
   8-bit Microcontrollers
More results

Similar Description - MB95F126JB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com