Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WI20C321M100N Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WI20C321M100N
Description  WIRE WOUND INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WI20C321M100N Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WI20C321M100N Datasheet HTML 1Page - List of Unclassifed Manufacturers WI20C321M100N Datasheet HTML 2Page - List of Unclassifed Manufacturers WI20C321M100N Datasheet HTML 3Page - List of Unclassifed Manufacturers WI20C321M100N Datasheet HTML 4Page - List of Unclassifed Manufacturers WI20C321M100N Datasheet HTML 5Page - List of Unclassifed Manufacturers WI20C321M100N Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Series
WI - C
WI32C32
Part Number
L (µH)
Tolerance
( ±% )
Q Min.
Test
Frequency
(MHz)
SRF
(MHz)
Min.
RDC
(Ω )Max.
IDC (mA)
WI32C32IK - 1U
1.00
K
10
7.96
200.0
0.11
1050
WI32C32IK - 1U2
1.20
K
10
7.96
155.0
0.12
1000
WI32C32IK - 1U5
1.50
K
10
7.96
130.0
0.15
950
WI32C32IK - 1U8
1.80
K
10
7.96
100.0
0.16
900
WI32C32IK - 2U2
2.20
K
10
7.96
80.0
0.18
850
WI32C32IK - 2U7
2.70
K
10
7.96
55.0
0.20
800
WI32C32IK - 3U3
3.30
K
10
7.96
45.0
0.22
750
WI32C32IK - 3U9
3.90
K
10
7.96
40.0
0.24
700
WI32C32IK - 4U7
4.70
K
10
7.96
35.0
0.27
650
WI32C32IK - 5U6
5.60
K
10
7.96
30.0
0.30
650
WI32C32IK - 6U8
6.80
K
10
7.96
28.0
0.35
600
WI32C32IK - 8U2
8.20
K
10
7.96
25.0
0.40
600
WI32C32IK - 10U
10.00
K
10
2.52
22.0
0.50
550
WI32C32IK - 12U
12.00
K
10
2.52
21.0
0.60
500
WI32C32IK - 15U
15.00
K
10
2.52
20.0
0.70
450
WI32C32IK - 18U
18.00
K
10
2.52
18.0
0.80
400
WI32C32IK - 22U
22.00
K
10
2.52
17.0
0.90
370
WI32C32IK - 27U
27.00
K
10
2.52
15.0
1.20
330
WI32C32IK - 33U
33.00
K
10
2.52
14.0
1.40
300
WI32C32IK - 39U
39.00
K
10
2.52
12.0
1.60
280
WI32C32IK - 47U
47.00
K
10
2.52
11.5
1.90
260
WI32C32IK - 56U
56.00
K
10
2.52
10.5
2.20
240
WI32C32IK - 68U
68.00
K
10
2.52
9.0
2.60
220
WI32C32IK - 82U
82.00
K
10
2.52
8.5
3.50
200
WI32C32IK - 100U
100.00
K
20
0.796
7.0
4.00
180
WI32C32IK - 120U
120.00
K
20
0.796
6.5
4.50
160
WI32C32IK - 150U
150.00
K
20
0.796
6.0
6.50
140
WI32C32IK - 180U
180.00
K
20
0.796
5.5
7.50
120
WI32C32IK - 220U
220.00
K
20
0.796
5.0
9.00
120
WI32C32IK - 270U
270.00
K
20
0.796
4.5
11.00
100
WI32C32IK - 330U
330.00
K
20
0.796
4.0
13.00
90
Tolerance: J = ±5%, K = ±10%
L/Q : HP4284A LF Impedance Analyzer
Test Instruments : HP4291A Impedance / Material Analyzer
L/Q' SRF : HP4286A RF Impedance Analyzer
RDC: DIGITAL MULTIMETER HP4338B / CH502BC
IDC : HP4284A & HP42841A
Gausstek Corp.
WIRE WOUND INDUCTORS FERRITE BASE / LARGE CURRENT
ELECTRICAL CHARATERISTICS
Operating temperature range from -25℃ to 85℃ .


Similar Part No. - WI20C321M100N

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI252018 SUPERWORLD-WI252018 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018-101JF-11 SUPERWORLD-WI252018-101JF-11 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018-101JF-22 SUPERWORLD-WI252018-101JF-22 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018-101JF-55 SUPERWORLD-WI252018-101JF-55 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018-101JF-77 SUPERWORLD-WI252018-101JF-77 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
More results

Similar Description - WI20C321M100N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL32TTE1R0J KOA-KL32TTE1R0J Datasheet
1,017Kb / 2P
   WIRE WOUND INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com