Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F124NB Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # F124NB
Description  8-bit Microcontrollers
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

F124NB Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button F124NB Datasheet HTML 5Page - Fujitsu Component Limited. F124NB Datasheet HTML 6Page - Fujitsu Component Limited. F124NB Datasheet HTML 7Page - Fujitsu Component Limited. F124NB Datasheet HTML 8Page - Fujitsu Component Limited. F124NB Datasheet HTML 9Page - Fujitsu Component Limited. F124NB Datasheet HTML 10Page - Fujitsu Component Limited. F124NB Datasheet HTML 11Page - Fujitsu Component Limited. F124NB Datasheet HTML 12Page - Fujitsu Component Limited. F124NB Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
MB95120MB Series
9
(Continued)
(TOP VIEW)
(FPT-100P-M06)
VSS
C
P00/INT00
P01/INT01
P02/INT02
P03/INT03
P04/INT04
P05/INT05
P06/INT06
P07/INT07
P12/UCK0
P13/TRG0/ADTG
P14/PPG0
P20/PPG00
P21/PPG01
AVCC
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
31 32
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
75
74
73
72
71
80
79
78
77
76
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
81
82
83
84
85
86
87
88
89
90
91
92
93
100 99 98 97 96 95 94
P22/TO00
P23/TO01
P24/EC0
P10/UI0
P11/UO0
P50/SCL0
P51/SDA0
AVR
P52/PPG1
AVSS
P30/AN00
X1A
X0A
RST
P91/V2
P90/V3
VCC
VCC
PC4/SEG12
PC5/SEG13
PC6/SEG14
PC7/SEG15
PD0/SEG16
PD1/SEG17
PD2/SEG18
PD3/SEG19
PD4/SEG20
PD5/SEG21
PD6/SEG22
PE1/SEG25
PE2/SEG26
PE3/SEG27
PE4/SEG28/INT10
PE5/SEG29/INT11
VSS
PE6/SEG30/INT12
PE7/SEG31/INT13
P60/SEG32/PPG10
PD7/SEG23
PE0/SEG24
P61/SEG33/PPG11
MOD
X1
X0
QFP-100


Similar Part No. - F124NB

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F1240 POLYFET-F1240 Datasheet
41Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
logo
Renesas Technology Corp
F1240 RENESAS-F1240 Datasheet
15Mb / 35P
   Dual Channel IF Digital Variable Gain Amplifier 10MHz to 500MHz
F1240EVBI RENESAS-F1240EVBI Datasheet
15Mb / 35P
   Dual Channel IF Digital Variable Gain Amplifier 10MHz to 500MHz
F1240EVS RENESAS-F1240EVS Datasheet
15Mb / 35P
   Dual Channel IF Digital Variable Gain Amplifier 10MHz to 500MHz
F1240NBGI RENESAS-F1240NBGI Datasheet
15Mb / 35P
   Dual Channel IF Digital Variable Gain Amplifier 10MHz to 500MHz
More results

Similar Description - F124NB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com