Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF50 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MF50
Description  Metal Film Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MF50 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MF50 Datasheet HTML 1Page - List of Unclassifed Manufacturers MF50 Datasheet HTML 2Page - List of Unclassifed Manufacturers MF50 Datasheet HTML 3Page - List of Unclassifed Manufacturers MF50 Datasheet HTML 4Page - List of Unclassifed Manufacturers MF50 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MF12, MF25 & MF50 Series
Metal Film Resistors
Page 4
10/05/05 V1.0
Part Number Explanation:
MF
Type
12
Wattage Rating
1R5
OHMIC Values
Wattage Rating : 12 = 0.125W, 25 = 0.25W and 50 = 0.5W.
OHMIC Values
: Where R = Ohms =
K = Kilo ohms = K
Ω.
M = Mega ohms = M
Ω.
and replaces the decimal point.
eg :1R5 = 1.5
Ω.
4K5 = 4.5K
Ω.
6M8 = 6.8M
Ω.
Tolerance
Wattage
Range Value
1%
0.125W
1R - 1M
1%
0.25W
1R - 1M
1%
0.5W
1R - 1M
Stocked Values


Similar Part No. - MF50

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MF50 RIEDON-MF50 Datasheet
237Kb / 1P
   Film Resistors
logo
Laird Tech Smart Techno...
MF500F LSTD-MF500F Datasheet
138Kb / 2P
   HIGH TEMPERATURE MAGNETICALLY LOADED MACHINABLE STOCK
logo
List of Unclassifed Man...
MF50A00B1-1000U-A99 ETC-MF50A00B1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF50A00O1-1000U-A99 ETC-MF50A00O1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF50A00S1-1000U-A99 ETC-MF50A00S1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
More results

Similar Description - MF50

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
logo
List of Unclassifed Man...
MF0 ETC2-MF0 Datasheet
405Kb / 8P
   Metal Film Resistors
logo
Vishay Siliconix
RN50 VISHAY-RN50 Datasheet
160Kb / 5P
   Metal Film Resistors
Revision: 28-Aug-06
logo
UNIOHM CORPORATION
MF-12 UNIOHM-MF-12 Datasheet
4Mb / 3P
   Metal Film Resistors
logo
MERITEK ELECTRONICS COR...
MF25F1003FTR MERITEK-MF25F1003FTR Datasheet
169Kb / 1P
   Metal Film Resistors
logo
Vishay Siliconix
RLR05C1652FSB14 VISHAY-RLR05C1652FSB14 Datasheet
151Kb / 4P
   Metal Film Resistors
Revision: 19-Nov-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com