Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT90502 Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # MT90502
Description  Multi-Channel AAL2 SAR
Download  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT90502 Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button MT90502 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT90502 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT90502 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT90502 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT90502 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT90502 Datasheet HTML 10Page - Zarlink Semiconductor Inc MT90502 Datasheet HTML 11Page - Zarlink Semiconductor Inc MT90502 Datasheet HTML 12Page - Zarlink Semiconductor Inc MT90502 Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 191 page
background image
Preliminary Datasheet
MT90502
9
B9
Z
1. rxa_enb
2. rxa_clav
O
LVTTL 6 mA (F)
1. UTOPIA port A RX Enable in
ATM mode
2. UTOPIA port A RX Cell
Available in PHY mode
C9
1. rxa_clav
2. rxa_enb
I
LVTTL (F)
1. UTOPIA port A RX Cell
Available in ATM mode
2. UTOPIA port A RX Enable in
PHY mode
A12, C11, B11, A11, D10, C10,
B10, A10
rxa_d[7:0]
I
LVTTL (F)
UTOPIA port A RX Data bus
B12
rxa_prty
I
LVTTL (F)
UTOPIA port A RX Parity
D17
Z
txb_led
I/O
LVTTL 12 mA (F)
UTOPIA port B TX LED
C17
Z
rxb_led
I/O
LVTTL 12 mA (F)
UTOPIA port B RX LED
B17
rxb_alarm
I
LVTTL (F)
UTOPIA port B PHY alarm
D5
Z
txb_clk
I/O
LVTTL 6 mA (F)
UTOPIA port B TX clock
D8
Z
txb_soc
O
LVTTL 6 mA (F)
UTOPIA port B TX Start of Cell
A6
Z
1. txb_enb
2. txb_clav
O
LVTTL 6 mA (F)
1. UTOPIA port B TX Enable in
ATM mode
2. UTOPIA port B TX Cell
Available in PHY mode
B6
1. txb_clav
2. txb_enb
I
LVTTL (F)
1. UTOPIA port B TX Cell
Available in ATM mode
2. UTOPIA port B TX Enable in
PHY mode
B8, A8, D7, C7, B7, A7, D6, C6
Z
txb_d[7:0]
O
LVTTL 6 mA (F)
UTOPIA port B TX Data bus
C8
Z
txb_prty
O
LVTTL 6 mA (F)
UTOPIA port B TX Parity
E4
Z
rxb_clk
I/O
LVTTL 6 mA (F)
UTOPIA port B RX clock
A4
1. rxb_soc
2. txa_addr[4]
I
LVTTL (F)
1. UTOPIA port B RX Start of Cell
2. txa_addr[4] when port A and B
are combined
D3
Z
1. rxb_enb
2. rxb_clav
O
LVTTL 6 mA (F)
1. UTOPIA port B RX Enable in
ATM mode
2. UTOPIA port B RX Cell
Available in PHY mode
C1
1. rxb_clav
2. rxb_enb
I
LVTTL (F)
1. UTOPIA port B RX Cell
Available in ATM mode
2. UTOPIA port B RX Enable in
PHY mode
A2, D4, A1, B1, C2
1. rxb_d[4:0]
2. rxa_addr[4:0]
I
LVTTL (F)
1. UTOPIA port B RX Data bus
[4:0]
2. rxa_addr[4:0] when port A and
B are combined
A3, B3, B2
1. rxb_d[7:5]
2. txa_addr[2:0]
I
LVTTL (F)
1. UTOPIA port B RX Data bus
[7:5]
2. txa_addr[2:0] when port A and
B are combined
B4
1. rxb_prty
2. txa_addr[3]
I
LVTTL (F)
1. UTOPIA port B RX Parity.
2. txa_addr[3] when port A and B
are combined.
Pins
rst
Name
I/O
Type
Description
Table 2 - UTOPIA Interface Pins
(continued)


Similar Part No. - MT90502

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT90502 ZARLINK-MT90502 Datasheet
1Mb / 205P
   Multi-Channel AAL2 SAR
MT90502 ZARLINK-MT90502_06 Datasheet
1Mb / 205P
   Multi-Channel AAL2 SAR
More results

Similar Description - MT90502

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT90502 ZARLINK-MT90502_06 Datasheet
1Mb / 205P
   Multi-Channel AAL2 SAR
logo
Mitel Networks Corporat...
MT90500 MITEL-MT90500 Datasheet
514Kb / 159P
   Multi-Channel ATM AAL1 SAR
logo
Zarlink Semiconductor I...
MT92220 ZARLINK-MT92220 Datasheet
1Mb / 210P
   1023 Channel Voice Over IP/AAL2 Processor
logo
DATEL, Inc.
ADS-424 DATEL-ADS-424 Datasheet
460Kb / 7P
   12-Bit, 250kHz, Single-ended and Differential Inputs, Multi Channel SAR A/D Converters
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
logo
Texas Instruments
ADS8664 TI1-ADS8664 Datasheet
2Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
logo
Analog Devices
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD4630-24 AD-AD4630-24 Datasheet
2Mb / 49P
   24-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com