Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23079-B1205-B301 Datasheet(PDF) 4 Page - Tyco Electronics

Part # V23079-B1205-B301
Description  P2 Relay
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23079-B1205-B301 Datasheet(HTML) 4 Page - Tyco Electronics

  V23079-B1205-B301 Datasheet HTML 1Page - Tyco Electronics V23079-B1205-B301 Datasheet HTML 2Page - Tyco Electronics V23079-B1205-B301 Datasheet HTML 3Page - Tyco Electronics V23079-B1205-B301 Datasheet HTML 4Page - Tyco Electronics V23079-B1205-B301 Datasheet HTML 5Page - Tyco Electronics V23079-B1205-B301 Datasheet HTML 6Page - Tyco Electronics V23079-B1205-B301 Datasheet HTML 7Page - Tyco Electronics V23079-B1205-B301 Datasheet HTML 8Page - Tyco Electronics V23079-B1205-B301 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Coil Data (values at 23°C)
Nominal
Operate/set voltage range
Release/
Nominal power
Resistance
Coil number
voltage
reset voltage
consumption
Unom
Minimum
Maximum
Minimum
voltage U
I
voltage U
II
Vdc
Vdc
Vdc
Vdc
mW
W / ± 10 %
non-latching
1 coil
A1xxx/D1xxx/G1xxx
A2xxx/D2xxx/G2xxx
3
2.25
6.50
0.30
140
64.3
008
4
3.00
8.70
0.40
140
114
016
4.5
3.375
9.80
0.45
140
145
011
5
3.75
10.90
0.50
140
178
001
6
4.5
13.00
0.60
140
257
002
9
6.75
19.60
0.90
140
578
006
12
9.00
26.15
1.20
140
1029
003
24*
18.00
52.30
2.40
140
4114
005
3
2.25
6.50
2.25
140
64.3
208
4.5
3.375
9.80
3.375
140
145
211
5
3.75
10.90
3.75
140
178
201
6
4.5
13.00
4.50
140
257
202
9
6.75
19.60
6.75
140
578
206
12
9.00
26.15
9.00
140
1029
203
24
18.00
52.30
18.00
140
4114
205
latching
2 coils
latching
1 coil
3
2.25
9.20
2.25
70
128
108
4.5
3.375
13.85
3.375
70
289
111
5
3.75
15.33
3.75
70
357
101
6
4.5
18.50
4.50
70
514
102
9
6.75
27.75
6.75
70
1157
106
12
9.00
37.00
9.00
70
2057
103
24
18.00
74.00
18.00
70
8228
105
* 24 V only in A1xxx/D1xxx/G1xxx
Further coil versions are available on request.
P2 Relay
V23079
Ambient temperature t
amb [°C]
4
B1xxx/E1xxx/H1xxx
C1xxx/F1xxx/J1xxx
U
I =
Minimum voltage at 23° C after pre-energizing
with nominal voltage without contact current
U
II =
Maximum continous voltage at 23°
The operating voltage limits U
I and UII depend on
the temperature according to the formula:
U
I tamb =
K
I · UI 23° C
and
U
II tamb =
K
Il · UIl 23° C
t
amb
= Ambient temperature
U
I tamb
= Minimum voltage at ambient temperature, t
amb
U
II tamb
= Maximum voltage at ambient temperature, t
amb
k
I, kII
= Factors (dependent on temperature), see diagram


Similar Part No. - V23079-B1205-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079-B1205-B301 MACOM-V23079-B1205-B301 Datasheet
1Mb / 14P
   P2 V23079 Relay
V23079-B1205-B301 MACOM-V23079-B1205-B301 Datasheet
2Mb / 7P
   P2 Relay V23079
V23079-B1205-B301 MACOM-V23079-B1205-B301 Datasheet
2Mb / 8P
   Signal Relays
V23079-B1205-B301 MACOM-V23079-B1205-B301 Datasheet
1Mb / 8P
   Signal Relays
More results

Similar Description - V23079-B1205-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079 MACOM-V23079_06 Datasheet
1Mb / 14P
   P2 V23079 Relay
V23079 MACOM-V23079_12 Datasheet
2Mb / 7P
   P2 Relay V23079
2-1393788-9 MACOM-2-1393788-9 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-0 MACOM-2-1393788-0 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-2 MACOM-2-1393788-2 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-4 MACOM-2-1393788-4 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
V23079D2001B301 MACOM-V23079D2001B301 Datasheet
22Kb / 1P
   P2- Relay SMT W Dimensions
V23079D2011B301 MACOM-V23079D2011B301 Datasheet
22Kb / 1P
   P2-Relay SMT W Dimensions
2-1393789-0 MACOM-2-1393789-0 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
2-1393789-2 MACOM-2-1393789-2 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com