Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD8226P Datasheet(PDF) 3 Page - OKI electronic componets

Part # OD8226P
Description  Specifications for Surface Mount Type PD-Preamp Module with Multi Mode Fiber
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OD8226P Datasheet(HTML) 3 Page - OKI electronic componets

  OD8226P Datasheet HTML 1Page - OKI electronic componets OD8226P Datasheet HTML 2Page - OKI electronic componets OD8226P Datasheet HTML 3Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
4.OUTLINE DRAWING
(unit : mm)
No.
Function
1Vcc
2
GND
3
GND
4
OUTN(-)
5
OUTP(+)
6NC
7NC
8
GND
5.
CONNECTOR
AND
FIBER
SPECIFICATIONS
Connector
SC-PC
Fiber
50
µm Multi Mode Fiber
Diameter : 0.9mm
Color : Blue
Bending Radius : 20mm(min)
Heat-resistant
Length : 1000mm


Similar Part No. - OD8226P

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD8015 ORIONFANS-OD8015 Datasheet
5Mb / 8P
   AC & EC FANS
OD8015-12H ORIONFANS-OD8015-12H Datasheet
123Kb / 1P
   DC Fan
OD8015-12L ORIONFANS-OD8015-12L Datasheet
123Kb / 1P
   DC Fan
OD8015-12M ORIONFANS-OD8015-12M Datasheet
123Kb / 1P
   DC Fan
OD8015-24H ORIONFANS-OD8015-24H Datasheet
123Kb / 1P
   DC Fan
More results

Similar Description - OD8226P

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G7754-01 HAMAMATSU-G7754-01_07 Datasheet
57Kb / 2P
   Infrared detector module with preamp Metal dewar type
logo
Mitsubishi Electric Sem...
FU-319SPP-C6 MITSUBISHI-FU-319SPP-C6 Datasheet
37Kb / 3P
   InGaAs PD PREAMP MODULE FOR THE 1.31 mm AND 1.55 mm WAVELENGTH RANGE
logo
Hamamatsu Corporation
G6122 HAMAMATSU-G6122 Datasheet
117Kb / 4P
   Infrared detector module with preamp
logo
Mitsubishi Electric Sem...
FU-311SPP-CV3 MITSUBISHI-FU-311SPP-CV3 Datasheet
49Kb / 3P
   InGaAs PD PREAMP MODULE FOR THE 1.31 um AND 1.55 um WAVELENGTH RANGE
FU-319SPP-CV6 MITSUBISHI-FU-319SPP-CV6 Datasheet
38Kb / 3P
   InGaAs PD PREAMP MODULE FOR THE 1.31 um AND 1.55 um WAVELENGTH RANGE
logo
WORLDSEMI CO., LIMITED
WS2835-3535 WORLDSEMI-WS2835-3535 Datasheet
579Kb / 8P
   SPECIFICATIONS FOR SURFACE MOUNT LED
logo
Hamamatsu Corporation
G7754-01 HAMAMATSU-G7754-01 Datasheet
103Kb / 2P
   Infrared detector module with preamp
G6121_ETC_KIRD1035E06 HAMAMATSU-G6121_ETC_KIRD1035E06 Datasheet
174Kb / 3P
   Infrared detector module with preamp
G6121 HAMAMATSU-G6121 Datasheet
196Kb / 2P
   Infrared detector module with preamp
G6122_ETC_KIRD1036E13 HAMAMATSU-G6122_ETC_KIRD1036E13 Datasheet
347Kb / 4P
   Infrared detector module with preamp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com