Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VI-882566 Datasheet(PDF) 8 Page - Vicor Corporation

Part # VI-882566
Description  24Vin / 15Vout / 200Watts DC-DC Converter Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-882566 Datasheet(HTML) 8 Page - Vicor Corporation

  VI-882566 Datasheet HTML 1Page - Vicor Corporation VI-882566 Datasheet HTML 2Page - Vicor Corporation VI-882566 Datasheet HTML 3Page - Vicor Corporation VI-882566 Datasheet HTML 4Page - Vicor Corporation VI-882566 Datasheet HTML 5Page - Vicor Corporation VI-882566 Datasheet HTML 6Page - Vicor Corporation VI-882566 Datasheet HTML 7Page - Vicor Corporation VI-882566 Datasheet HTML 8Page - Vicor Corporation VI-882566 Datasheet HTML 9Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
24Vin/15Vout/200W DC-DC Converter
Rev. 5.2
Page 8 of 9
Set your site on VICOR at www.vicorpower.com
PART NUMBERS & OPTIONS
24Vin / 15Vout / 200Watts
Part Number
Pins
Base
Grade
Minimum
Max
Minimum
Operating
Operating
Storage
Temp
Temp
Temp
VI-882545
Short Solder
Slotted
C
-20°C
100°C
-40°C
VI-882546
Long Solder
Slotted
C
-20°C
100°C
-40°C
VI-882547
Short ModuMate
Slotted
C
-20°C
100°C
-40°C
VI-882548
Long ModuMate
Slotted
C
-20°C
100°C
-40°C
VI-882549
Short Solder
Threaded
C
-20°C
100°C
-40°C
VI-882550
Long Solder
Threaded
C
-20°C
100°C
-40°C
VI-882551
Short ModuMate
Threaded
C
-20°C
100°C
-40°C
VI-882552
Long ModuMate
Threaded
C
-20°C
100°C
-40°C
VI-882553
Short Solder
Thru-hole
C
-20°C
100°C
-40°C
VI-882554
Long Solder
Thru-hole
C
-20°C
100°C
-40°C
VI-882555
Short ModuMate
Thru-hole
C
-20°C
100°C
-40°C
VI-882556
Long ModuMate
Thru-hole
C
-20°C
100°C
-40°C
VI-882557
Short Solder
Slotted
T
-40°C
100°C
-40°C
VI-882558
Long Solder
Slotted
T
-40°C
100°C
-40°C
VI-882559
Short ModuMate
Slotted
T
-40°C
100°C
-40°C
VI-882560
Long ModuMate
Slotted
T
-40°C
100°C
-40°C
VI-882561
Short Solder
Threaded
T
-40°C
100°C
-40°C
VI-882562
Long Solder
Threaded
T
-40°C
100°C
-40°C
VI-882563
Short ModuMate
Threaded
T
-40°C
100°C
-40°C
VI-882564
Long ModuMate
Threaded
T
-40°C
100°C
-40°C
VI-882565
Short Solder
Thru-hole
T
-40°C
100°C
-40°C
VI-882566
Long Solder
Thru-hole
T
-40°C
100°C
-40°C
VI-882567
Short ModuMate
Thru-hole
T
-40°C
100°C
-40°C
VI-882568
Long ModuMate
Thru-hole
T
-40°C
100°C
-40°C
VI-882569
Short Solder
Slotted
H
-40°C
100°C
-55°C
VI-882570
Long Solder
Slotted
H
-40°C
100°C
-55°C
VI-882571
Short ModuMate
Slotted
H
-40°C
100°C
-55°C
VI-882572
Long ModuMate
Slotted
H
-40°C
100°C
-55°C
VI-882573
Short Solder
Threaded
H
-40°C
100°C
-55°C
VI-882574
Long Solder
Threaded
H
-40°C
100°C
-55°C
VI-882575
Short ModuMate
Threaded
H
-40°C
100°C
-55°C
VI-882576
Long ModuMate
Threaded
H
-40°C
100°C
-55°C
VI-882577
Short Solder
Thru-hole
H
-40°C
100°C
-55°C
VI-882578
Long Solder
Thru-hole
H
-40°C
100°C
-55°C
VI-882579
Short ModuMate
Thru-hole
H
-40°C
100°C
-55°C
VI-882580
Long ModuMate
Thru-hole
H
-40°C
100°C
-55°C


Similar Part No. - VI-882566

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-882653 VICOR-VI-882653 Datasheet
179Kb / 9P
   24Vin / 48Vout / 200Watts DC-DC Converter Module
VI-882654 VICOR-VI-882654 Datasheet
179Kb / 9P
   24Vin / 48Vout / 200Watts DC-DC Converter Module
VI-882655 VICOR-VI-882655 Datasheet
179Kb / 9P
   24Vin / 48Vout / 200Watts DC-DC Converter Module
VI-882656 VICOR-VI-882656 Datasheet
179Kb / 9P
   24Vin / 48Vout / 200Watts DC-DC Converter Module
VI-882657 VICOR-VI-882657 Datasheet
179Kb / 9P
   24Vin / 48Vout / 200Watts DC-DC Converter Module
More results

Similar Description - VI-882566

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24B15C200B VICOR-V24B15C200B Datasheet
146Kb / 8P
   24Vin / 15Vout / 200Watts DC-DC Converter Module
V24B5C200B VICOR-V24B5C200B Datasheet
145Kb / 8P
   24Vin / 5Vout / 200Watts DC-DC Converter Module
V24B48C200B VICOR-V24B48C200B Datasheet
148Kb / 8P
   24Vin / 48Vout / 200Watts DC-DC Converter Module
V24B12C200B VICOR-V24B12C200B Datasheet
146Kb / 8P
   24Vin / 12Vout / 200Watts DC-DC Converter Module
V24B24C200B VICOR-V24B24C200B Datasheet
146Kb / 8P
   24Vin / 24Vout / 200Watts DC-DC Converter Module
V24A15C400B VICOR-V24A15C400B Datasheet
150Kb / 8P
   24Vin / 15Vout / 400Watts DC-DC Converter Module
V24C15C100B VICOR-V24C15C100B Datasheet
173Kb / 8P
   24Vin / 15Vout / 100Watts DC-DC Converter Module
V24B28C200B VICOR-V24B28C200B Datasheet
148Kb / 8P
   24Vin / 28Vout / 200Watts DC-DC Converter Module
VI-882653 VICOR-VI-882653 Datasheet
179Kb / 9P
   24Vin / 48Vout / 200Watts DC-DC Converter Module
V48A15C500B VICOR-V48A15C500B Datasheet
150Kb / 8P
   48Vin / 15Vout / 500Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com