Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23079-A1003-B301 Datasheet(PDF) 3 Page - Tyco Electronics

Part # V23079-A1003-B301
Description  P2 Relay
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23079-A1003-B301 Datasheet(HTML) 3 Page - Tyco Electronics

  V23079-A1003-B301 Datasheet HTML 1Page - Tyco Electronics V23079-A1003-B301 Datasheet HTML 2Page - Tyco Electronics V23079-A1003-B301 Datasheet HTML 3Page - Tyco Electronics V23079-A1003-B301 Datasheet HTML 4Page - Tyco Electronics V23079-A1003-B301 Datasheet HTML 5Page - Tyco Electronics V23079-A1003-B301 Datasheet HTML 6Page - Tyco Electronics V23079-A1003-B301 Datasheet HTML 7Page - Tyco Electronics V23079-A1003-B301 Datasheet HTML 8Page - Tyco Electronics V23079-A1003-B301 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Dimensions
THT
THT
SMT long terminals
SMT long terminals
SMT short terminals
SMT short terminals
V23079-x1xxx-B301 V23079-x2xxx-B301 V23079-x1xxx-B301 V23079-x2xxx-B301 V23079-x1xxx-B301 V23079-x2xxx-B301
standard coil
overmolded coil
standard coil
overmolded coil
standard coil
overmolded coil
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
inch
L 14.5 ± 0.1 0.570 ± 0.004 14.5 ± 0.1 0.570 ± 0.00414.5 ± 0.1 0.570 ± 0.004 14.5 ± 0.1 0.570 ± 0.004 14.5 ± 0.1 0.570 ± 0.004 14.5 ± 0.1 0.570 ± 0.004
W 7.2 ± 0.1
0.283 ± 0.004 7.2 ± 0.1
0.283 ± 0.0047.2 -0.15
0.283 ± 0.004 7.2 -0.15 0.283 ± 0.004 7.2 -0.15
0.283 ± 0.004 7.2 -0.15 0.283 ± 0.004
H 9.8 ± 0.1
0.385 ± 0.004 9.5 ± 0.1
0.374 ± 0.00410.4 ± 0.15 0.409 ±0.006 9.9 ± 0.1 0.390 ± 0.004 10.4 ± 0.15 0.409 ±0.006 9.9 ± 0.1 0.390 ± 0.004
T 3.25 - 0.25 0.128 -0.010 3.25 - 0.25 0.128 -0.010 N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
T1 N/A
N/A
N/A
N/A
5.52 ±0.15 0.217 ±0.006 5.52
0.217 ±0.006 5.52
0.217 ±0.006 5.52
0.217 ±0.006
T2 N/A
N/A
N/A
N/A
9.4 ±0.15
0.370 ±0.006 9.4 ±0.15 0.370 ±0.006 7.4 ±0.15 0.291 ±0.006 7.4 ±0.15 0.291 ±0.006
Tw 0.5 ± 0.05 0.020 ±0.002 0.5 ± 0.05 0.020 ±0.002 0.5 ± 0.05 0.020 ±0.002 0.5 ± 0.05 0.020 ±0.002 0.5 ± 0.05 0.020 ±0.002 0.5 ± 0.05 0.020 ±0.002
S 0.55 - 0.15 0.022 -0.006 0.45
0.018 ±0.002 N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
3
P2 Relay
V23079
P2 SMT S
THT Version
Note: Hole for pin 6 and 7
only for latching with 2 coils
Basic grid 2.54 mm
Long terminals
SMT Version
Short terminals
Note: Solder pad for pin 6 and 7
only for latching with 2 coils
Note: Solder pad for pin 6 and 7
only for latching with 2 coils
Long terminals
Short terminals
Terminal assignment
Relay - top view
Latching type, 2coils
reset condition
Mounting hole layout
View onto the component side of the PCB
Solder pad layout
View onto the component side of the PCB
Non-latching type,
not energized condition
Latching type, 1 coil
reset condition


Similar Part No. - V23079-A1003-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079-A1003-B301 MACOM-V23079-A1003-B301 Datasheet
1Mb / 14P
   P2 V23079 Relay
More results

Similar Description - V23079-A1003-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079 MACOM-V23079_06 Datasheet
1Mb / 14P
   P2 V23079 Relay
V23079 MACOM-V23079_12 Datasheet
2Mb / 7P
   P2 Relay V23079
2-1393788-9 MACOM-2-1393788-9 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-0 MACOM-2-1393788-0 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-2 MACOM-2-1393788-2 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-4 MACOM-2-1393788-4 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
V23079D2001B301 MACOM-V23079D2001B301 Datasheet
22Kb / 1P
   P2- Relay SMT W Dimensions
V23079D2011B301 MACOM-V23079D2011B301 Datasheet
22Kb / 1P
   P2-Relay SMT W Dimensions
2-1393789-0 MACOM-2-1393789-0 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
2-1393789-2 MACOM-2-1393789-2 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com