Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23026 Datasheet(PDF) 2 Page - Tyco Electronics

Part # V23026
Description  P1 Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23026 Datasheet(HTML) 2 Page - Tyco Electronics

  V23026 Datasheet HTML 1Page - Tyco Electronics V23026 Datasheet HTML 2Page - Tyco Electronics V23026 Datasheet HTML 3Page - Tyco Electronics V23026 Datasheet HTML 4Page - Tyco Electronics V23026 Datasheet HTML 5Page - Tyco Electronics V23026 Datasheet HTML 6Page - Tyco Electronics V23026 Datasheet HTML 7Page - Tyco Electronics V23026 Datasheet HTML 8Page - Tyco Electronics V23026 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1 pole telecom and signal relay, polarized,
Through Hole Type (THT) or
Surface Mount Technology (SMT),
Relay types:
non-latching with 1 coil
latching with 2 coils
latching with 1 coil
Features
– Directly triggerable with TTL standard modules such
as ALS, HCT and ACT
– Slim line 13.5 x 7.85 mm, 0.531 x 0.309 inch
– Switching current 1 A
– 1 changeover contact (1 form C / SPDT)
– Bifurcated contacts
– Immersion cleanable
– High sensitivity results in low nominal power consumption
65 to 130 mW for non-latching
30 to 150 mW for latching
– Surge voltage resistance between contact and coil:
- 2.5 kV (2 / 10 µsec) meets the Bellcore Requirement GR-1089
- 1.5 kV (10 / 160 µsec) meets FCC Part 68
Typical applications
– Automotive equipment
CAN bus, imobilizer
– Office equipment
– Measurement and control equipment
– Medical equipment
– Safety equipment
Options
– FCC version on request. Testing of open contacts with surge
voltage in accordance with FCC 68.302 (1.5 kV, 10/160 µsec)
P1 Relay
V23026
Basic insulation coil/contacts according to IEC/EN 60950
Clearance
> 0.75 mm
Creepage distance
> 0.75 mm
UL File No. E 111441
Page 2 (10)
108-98009 Rev. C
European Directive conformance:
P1 relay product conformance according to:
-
Directive 2000/53/EC: ELV (End of Life of Vehicles)
-
Directive 2002/95/EC: ROHS (Restrictions of the
use of certain hazardous substances in electrical and
electronic equipment)
Compliance is evidenced by written declaration from all raw
material suppliers.
Tyco Electronics AXICOM only has responsibility for the proper
processing of these materials.
Confirmation is valid for date codes ≥ 0429


Similar Part No. - V23026

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23026 TEC-V23026 Datasheet
2Mb / 5P
   Directly triggerable with TTL standard modules as ALS, HCT & ACT
logo
Tyco Electronics
V23026A1001B201 MACOM-V23026A1001B201 Datasheet
2Mb / 5P
   P1 Relay V23026
V23026A1002B201 MACOM-V23026A1002B201 Datasheet
2Mb / 5P
   P1 Relay V23026
V23026A1004B201 MACOM-V23026A1004B201 Datasheet
2Mb / 5P
   P1 Relay V23026
V23026A1005B201 MACOM-V23026A1005B201 Datasheet
2Mb / 5P
   P1 Relay V23026
More results

Similar Description - V23026

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393774-6 MACOM-2-1393774-6 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-0 MACOM-2-1393774-0 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-1 MACOM-2-1393774-1 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-4 MACOM-2-1393774-4 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-7 MACOM-2-1393774-7 Datasheet
2Mb / 5P
   P1 Relay V23026
V23026 MACOM-V23026_12 Datasheet
2Mb / 5P
   P1 Relay V23026
logo
List of Unclassifed Man...
YS05S16-0G ETC2-YS05S16-0G Datasheet
870Kb / 23P
   GPS Module TC6000GN-P1
PFC500-1048F ETC2-PFC500-1048F Datasheet
870Kb / 23P
   GPS Module TC6000GN-P1
logo
Rohm
SML-P12VTT86 ROHM-SML-P12VTT86 Datasheet
644Kb / 9P
   SML-P1 series
logo
PHOENIX CONTACT
5145562 PHOENIX-5145562 Datasheet
50Kb / 2P
   Accessories - P1 ENGRAVING SPINDLE
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com