Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXRE125CFTA Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXRE125CFTA
Description  MICROPOWER 1.22V VOLTAGE REFERENCE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXRE125CFTA Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXRE125CFTA Datasheet HTML 1Page - Zetex Semiconductors ZXRE125CFTA Datasheet HTML 2Page - Zetex Semiconductors ZXRE125CFTA Datasheet HTML 3Page - Zetex Semiconductors ZXRE125CFTA Datasheet HTML 4Page - Zetex Semiconductors ZXRE125CFTA Datasheet HTML 5Page - Zetex Semiconductors ZXRE125CFTA Datasheet HTML 6Page - Zetex Semiconductors ZXRE125CFTA Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
SEMICO NDUC TORS
SUMMARY
DESCRIPTION
The ZXRE125 is a bandgap circuit designed to achieve a precision micropower
voltage reference of 1.22 volts. The device is available in the small outline SOT23
surface mount package which is ideal for applications where space saving is
important.
SOT23 tolerance is available to 0.5% for precision applications. Excellent
performance is maintained over the 8 A to 20mA operating current range with a
typical temperature coefficient of only 20ppm/°C. The device has been designed
to be highly tolerant of capacitive loads so maintaining excellent stability.
This device offers a SOT23 pin for pin compatible replacement of the ZRA124
and ZRA125 series of voltage references. An E-Line (TO92 style) package is also
available.
FEATURES
High performance 1.220V reference
0.5%, 1%, 2% and 3% tolerance
4 A knee current
20ppm/°C typical temperature coefficient
Unconditionally stable
Small outline SOT23
APPLICATIONS
Battery powered equipment
Precision power supplies
Portable instrumentation
Portable communications devices
Data acquisition systems
ZXRE125
ISSUE 7 - OCTOBER 2003
SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
DEVICE
TOL%
GRADE
PACKAGE
PARTMARKING
REEL
QUANTITY PER REEL
ZXRE125CFTA
0.5
C
SOT23
12J
7”
3,000
ZXRE125DFTA
1
D
SOT23
12H
7”
3,000
ZXRE125EFTA
2
E
SOT23
12G
7”
3,000
ZXRE125FFTA
3
F
SOT23
12F
7”
3,000
ZXRE125DRSTOA
1
E-line
ZXRE125D
-
2,000
ZXRE125ERSTOA
2
E-line
ZXRE125E
-
2,000
ZXRE125FRSTOA
3
E-line
ZXRE125F
-
2,000
ORDERING INFORMATION
NOTE:
E-line parts available loose in boxes of 2,000 units, omit “STOA” from order code i.e. ZXRE125DR
Bottom view -
Pin 3 floating or
connected to pin 1
E-line
Package Suffix - R
SOT23
Top view -
Pin 1 floating or
connected to pin 2
SOT23
Package Suffix - F
E-line


Similar Part No. - ZXRE125CFTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE125CFTA DIODES-ZXRE125CFTA Datasheet
107Kb / 5P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
More results

Similar Description - ZXRE125CFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE125 DIODES-ZXRE125 Datasheet
107Kb / 5P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZXRE1004 ZETEX-ZXRE1004 Datasheet
62Kb / 4P
   SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE1004 DIODES-ZXRE1004 Datasheet
96Kb / 5P
   SOT23 MICROPOWER (4關A) 1.22V VOLTAGE REFERENCE
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com