Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40-01-X4C-4NQB Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 40-01-X4C-4NQB
Description  Warm White POWER LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

40-01-X4C-4NQB Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  40-01-X4C-4NQB Datasheet HTML 1Page - Everlight Electronics Co., Ltd 40-01-X4C-4NQB Datasheet HTML 2Page - Everlight Electronics Co., Ltd 40-01-X4C-4NQB Datasheet HTML 3Page - Everlight Electronics Co., Ltd 40-01-X4C-4NQB Datasheet HTML 4Page - Everlight Electronics Co., Ltd 40-01-X4C-4NQB Datasheet HTML 5Page - Everlight Electronics Co., Ltd 40-01-X4C-4NQB Datasheet HTML 6Page - Everlight Electronics Co., Ltd 40-01-X4C-4NQB Datasheet HTML 7Page - Everlight Electronics Co., Ltd 40-01-X4C-4NQB Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Technical Data Sheet
Warm White POWER LED
40-01/X4C-4NQB
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev. 1
Page: 5 of 8
Device Number : DLE-400-002
Establish date: 03-05-2007
Establish by: Jim Lin
0
1020
30
4050
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
0.46
Forward Current(mA)
x
y
350
400
450
500
550
600
650
700
750
800
850
0.0
0.2
0.4
0.6
0.8
1.0
Wavelength(nm)
Typical Electro-Optical Characteristics Curves
Relative Intensity vs. Wavelength
Forward Current vs. Forward Voltage
Relative Intensity vs. Forward Current
Forward Current vs. Ambient Temp.
Chromaticity Coordinate vs. Forward Current
Radiation Characteristics
3.00
3.40
3.80
2.80
3.20
3.60
4.00
FORWARD VOLTAGE (V)
0
10
20
30
0
5
10
15
20
25
30
FORWARD CURRENT (mA)
0.00
0.20
0.40
0.60
0.80
1.00
0
20406080
100
AMBIENT TEMPERATURE (C)
5
15
25
35
0
10
20
30
40


Similar Part No. - 40-01-X4C-4NQB

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
40-01-1181 MOLEX11-40-01-1181 Datasheet
121Kb / 1P
   CRIMP STYLE KK TYPE, .156 CENTERS W/ANTIFISHOOKING FEATURE
40-01-1182 MOLEX11-40-01-1182 Datasheet
121Kb / 1P
   CRIMP STYLE KK TYPE, .156 CENTERS W/ANTIFISHOOKING FEATURE
logo
Everlight Electronics C...
40-01-B4C-AJMB EVERLIGHT-40-01-B4C-AJMB Datasheet
119Kb / 7P
   Dome POWER LED
40-01-G4C-AQSB EVERLIGHT-40-01-G4C-AQSB Datasheet
119Kb / 7P
   Dome POWER LED 30
40-01-T4C-4PRB EVERLIGHT-40-01-T4C-4PRB Datasheet
133Kb / 8P
   Dome POWER LED
More results

Similar Description - 40-01-X4C-4NQB

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
PP6N-FLXX-3SC ELITE-PP6N-FLXX-3SC Datasheet
844Kb / 19P
   0.5W White/ Warm White Power LED
PM2B-4LXE-SD ELITE-PM2B-4LXE-SD Datasheet
1Mb / 16P
   4W White/ Warm White Power LED
PG1C-4LXX-SD ELITE-PG1C-4LXX-SD Datasheet
853Kb / 19P
   4W White/ Warm White Power LED
PM2A-4LXX-SD ELITE-PM2A-4LXX-SD Datasheet
884Kb / 16P
   4W White/ Warm White Power LED
PM2L-4LXE-SD ELITE-PM2L-4LXE-SD Datasheet
1Mb / 16P
   4W White/ Warm White Power LED
PF6M-10LXP-4SC ELITE-PF6M-10LXP-4SC Datasheet
774Kb / 13P
   10W White/ Warm White Power LED
PF6M-15LXP-6SC ELITE-PF6M-15LXP-6SC Datasheet
778Kb / 13P
   15W White/ Warm White Power LED
logo
Unisonic Technologies
PWW01NBT-C0 UTC-PWW01NBT-C0 Datasheet
247Kb / 4P
   Warm WHITE HIGH POWER LED
logo
Lite-On Technology Corp...
LOPL-E011M LITEON-LOPL-E011M Datasheet
201Kb / 12P
   1W Warm White Power LED
logo
Marl International Limi...
NSPL515DS MARL-NSPL515DS Datasheet
500Kb / 15P
   WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com