Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30-01-A5C-ARTC Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 30-01-A5C-ARTC
Description  3mm POWER LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

30-01-A5C-ARTC Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  30-01-A5C-ARTC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 30-01-A5C-ARTC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 30-01-A5C-ARTC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 30-01-A5C-ARTC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 30-01-A5C-ARTC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 30-01-A5C-ARTC Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data Sheet
3mm POWER LED
30-01/A5C-ARTC
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev. 1
Page: 3 of 6
Device number: DLE-300-069
Established date: 05-13-2007
Established by: Eddie Huang
Electro-Optical Characteristics (Ta=25
)
Parameter
Symbol
Min.
Typ.
Max.
Condition
Unit
Total Flux
Φv
4500
7000
9000
IF=70mA
mlm
Viewing Angle
2θ1/2
----
85
----
IF=70mA
deg
Peak Wavelength
λp
----
621
----
IF=70mA
nm
Dominant Wavelength
λd
611
616
620
IF=70mA
nm
Spectrum Radiation
Bandwidth
λ
----
18
----
IF=70mA
nm
Forward Voltage
VF
2.1
2.6
3.1
IF=70mA
V
Reverse Current
IR
----
----
10
VR=5V
µA
Rank
30-01/A5C-ARTC
(1)
(2)
(3)
(1) VF(V)
(2) λd(nm)
(3)Φv(mlm)
Bin
Min
Max
Bin
Min
Max
Bin
Min
Max
3
2.10
2.30
6
611
614
R
4500
5650
4
2.30
2.50
7
614
617
S
5650
7150
5
2.50
2.70
8
617
620
T
7150
9000
6
2.70
2.90
7
2.90
3.10
*Measurement Uncertainty of Forward Voltage:±0.1V
*Measurement Uncertainty of Luminous Intensity: ±15%
*Measurement Uncertainty of Dominant Wavelength ±1.0nm


Similar Part No. - 30-01-A5C-ARTC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01-A5C-ASUC-AM EVERLIGHT-30-01-A5C-ASUC-AM Datasheet
344Kb / 10P
   Technical Data Sheet 3mm POWER LED
More results

Similar Description - 30-01-A5C-ARTC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
36-01-T4C-4PRB EVERLIGHT-36-01-T4C-4PRB Datasheet
178Kb / 8P
   3mm POWER LED
B4C-AKNB EVERLIGHT-B4C-AKNB Datasheet
140Kb / 7P
   3mm POWER LED
R5C-ARTC EVERLIGHT-R5C-ARTC Datasheet
118Kb / 6P
   3mm POWER LED
36-01-Y3C-ARTC EVERLIGHT-36-01-Y3C-ARTC Datasheet
563Kb / 6P
   3mm POWER LED
30-01-T4C-4PRB EVERLIGHT-30-01-T4C-4PRB Datasheet
150Kb / 8P
   3mm POWER LED
36-01-R3C-ARTC EVERLIGHT-36-01-R3C-ARTC Datasheet
211Kb / 6P
   3mm POWER LED
36-01-B4C-AKNB EVERLIGHT-36-01-B4C-AKNB Datasheet
172Kb / 7P
   3mm POWER LED
36-01-G4C-ARTB EVERLIGHT-36-01-G4C-ARTB Datasheet
169Kb / 7P
   3mm POWER LED
36-01-R3C-ARTC EVERLIGHT-36-01-R3C-ARTC Datasheet
211Kb / 6P
   3mm POWER LED
T4C-4PRB EVERLIGHT-T4C-4PRB Datasheet
150Kb / 8P
   3mm POWER LED
31-01-Y3C-ARTC EVERLIGHT-31-01-Y3C-ARTC Datasheet
170Kb / 6P
   3mm POWER LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com