Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2131-4YTSE Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2131-4YTSE
Description  High Voltage Synchronous Buck Control IC with Low EMI Option
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2131-4YTSE Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2131-4YTSE Datasheet HTML 1Page - Micrel Semiconductor MIC2131-4YTSE Datasheet HTML 2Page - Micrel Semiconductor MIC2131-4YTSE Datasheet HTML 3Page - Micrel Semiconductor MIC2131-4YTSE Datasheet HTML 4Page - Micrel Semiconductor MIC2131-4YTSE Datasheet HTML 5Page - Micrel Semiconductor MIC2131-4YTSE Datasheet HTML 6Page - Micrel Semiconductor MIC2131-4YTSE Datasheet HTML 7Page - Micrel Semiconductor MIC2131-4YTSE Datasheet HTML 8Page - Micrel Semiconductor MIC2131-4YTSE Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Micrel, Inc.
MIC2130/1
April 2008
4
M9999-042108-C
Absolute Maximum Ratings
(1)
Supply Voltage (VIN).......................................................42V
Boot Strapped Voltage (VBST)..................................VIN + 5V
Logic Inputs...................................................................6.5V
EN Input .........................................................................42V
Ambient Storage Temperature (Ts)...........–65°C to +150°C
ESD Rating
(3)...............................................................1.5kV
Operating Ratings
(2)
Supply Voltage (VIN1, VIN2)................................ +8V to +40V
Output Voltage Range.................................. 0.7V to 0.85VIN
Junction Temperature (TJ) ..................–40°C ≤ TJ ≤ +125°C
Package Thermal Resistance
e-TSSOP (
θJA) ................................................97.5°C/W
e-TSSOP (
θJC) ................................................29.9°C/W
4x4 MLF-16 (
θJA) ............................................50.6°C/W
4x4 MLF-16 (
θJC) ............................................15.8°C/W
Electrical Characteristics
(4)
TJ = 25°C; VEN = VIN = 24V; Frequency = 150kHz; VOUT = 3.3V, unless otherwise specified.
Bold
values indicate –40°C≤ TJ ≤ +125°C.
Parameter
Condition
Min
Typ
Max
Units
VIN, VEN/UVLO, VDD Supply
Total Supply Current,
PWM Mode Supply Current
VFB = 0.7V; Comp = 3V
(Outputs switching but excluding external MOSFET gate
current.)
4
7.5
mA
Shutdown Current
VEN = 0V; VIN = 12V
180
300
µA
VEN/UVLO Turn-On Threshold
1.1
1.3
V
VEN/UVLO Turn-Off Threshold
0.7
1.0
V
VIN UVLO Hysteresis
100
mV
Internal Bias Voltages (AVDD,)
(IDD = 50mA)
4.6
5
5.3
V
Oscillator/PWM Section
PWM Frequency
MIC2130/1-1
130
150
170
kHz
PWM Frequency
MIC2130/1-4
360
400
440
kHz
Maximum Duty Cycle
MIC2130/1-1
92
%
Maximum Duty Cycle
MIC2130/1-4
80
%
Minimum On-Time
Note 5
50
ns
Regulation
Feedback Voltage Reference
(±2%) -40
°C to +125°C
686
700
714
mV
Feedback Bias Current
300
1000
nA
Output Voltage
Line Regulation
VIN = 8V – 40V
0.03
%/V
Output Voltage
Load Regulation
1A
≤ IOUT ≤ 10A
0.5
%
Error Amplifier (each channel)
DC Gain
70
dB
Output Impedance
2
MΩ
Transconductance
1.2
1.6
2.5
ms
Output Over voltage Protection
VFB Threshold
(Latches LSD High)
110
115
120
%Nom
Delay Blanking Time
1
µs
Soft Start/HCL
Internal Soft Start
Source Current
1
2.75
5
µA
HCL (MIC2131) Pin Voltage
High
ILIMIT set to 200% when HCL charges to2.4V
2.4
V


Similar Part No. - MIC2131-4YTSE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2133 MICROCHIP-MIC2133 Datasheet
2Mb / 50P
   75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
MIC2133YML MICROCHIP-MIC2133YML Datasheet
2Mb / 50P
   75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
MIC2133YML-TR MICROCHIP-MIC2133YML-TR Datasheet
2Mb / 50P
   75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
MIC2133YML-TRVAO MICROCHIP-MIC2133YML-TRVAO Datasheet
2Mb / 50P
   75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
More results

Similar Description - MIC2131-4YTSE

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC Final Information
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
   Low Voltage Buck PWM Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2168 MICREL-MIC2168_05 Datasheet
1Mb / 14P
   1MHz PWM Synchronous Buck Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com