Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB356N4T Datasheet(PDF) 7 Page - Kingbright Corporation

Part # KB356N4T
Description  PHOTOCOUPLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB356N4T Datasheet(HTML) 7 Page - Kingbright Corporation

  KB356N4T Datasheet HTML 1Page - Kingbright Corporation KB356N4T Datasheet HTML 2Page - Kingbright Corporation KB356N4T Datasheet HTML 3Page - Kingbright Corporation KB356N4T Datasheet HTML 4Page - Kingbright Corporation KB356N4T Datasheet HTML 5Page - Kingbright Corporation KB356N4T Datasheet HTML 6Page - Kingbright Corporation KB356N4T Datasheet HTML 7Page - Kingbright Corporation KB356N4T Datasheet HTML 8Page - Kingbright Corporation KB356N4T Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PHOTOCOUPLER
Part Number: KB356NT
SPEC NO: DSAD2840
REV NO: V.18
DATE: DEC/19/2007
PAGE: 7 OF 9
APPROVED : WYNEC
CHECKED: Tracy Deng
DRAWN: S.M.WU
ERP: 1205000037
CAUTION
Within this device there exists GaAs (Gallium Arsenide) material which is a harmful substance if in-
gested.
GaAs dust and fumes are toxic. Do not break, cut or pulverize the product, or use chemicals to dis-
solve them.
document, please confirm that this is the latest version. Not all devices / types available
The information in this document is subject to change without notice. Before using this
specified operating ranges as set forth in the most recent products specifications.
In developing your designs, please ensure that KINGBRIGHT products are used within
KINGBRIGHT product could cause loss of human life, bodily injury or damage to property.
stress. It is the responsibility of the buyer, when utilizing KINGBRIGHT products, to observe
standards of safety, and to a avoid situations in which a malfunction or failure of a
malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical
We are mention about our product quality stablity, semiconductor devices in general can
in every country.
RESTRICTIONS ON PRODUCT USE


Similar Part No. - KB356N4T

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3511 KINGBOR-KB3511 Datasheet
227Kb / 14P
   High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
KB3511A KINGBOR-KB3511A Datasheet
227Kb / 14P
   High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
KB3511B KINGBOR-KB3511B Datasheet
227Kb / 14P
   High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
   PHOTOCOUPLER
KB354NT KINGBRIGHT-KB354NT Datasheet
150Kb / 7P
   High current transfer ratio.
More results

Similar Description - KB356N4T

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
   PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
   PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
   PHOTOCOUPLER
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
   PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
   PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
   Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA313 LETEX-LA313 Datasheet
211Kb / 4P
   Photocoupler
LA211 LETEX-LA211 Datasheet
195Kb / 4P
   Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
   PHOTOCOUPLER
logo
List of Unclassifed Man...
LA212 ETC-LA212 Datasheet
199Kb / 3P
   Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com