Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB88153A-100 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB88153A-100
Description  Spread Spectrum Clock Generator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88153A-100 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB88153A-100 Datasheet HTML 7Page - Fujitsu Component Limited. MB88153A-100 Datasheet HTML 8Page - Fujitsu Component Limited. MB88153A-100 Datasheet HTML 9Page - Fujitsu Component Limited. MB88153A-100 Datasheet HTML 10Page - Fujitsu Component Limited. MB88153A-100 Datasheet HTML 11Page - Fujitsu Component Limited. MB88153A-100 Datasheet HTML 12Page - Fujitsu Component Limited. MB88153A-100 Datasheet HTML 13Page - Fujitsu Component Limited. MB88153A-100 Datasheet HTML 14Page - Fujitsu Component Limited. MB88153A-100 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MB88153A
11
■ ELECTRICAL CHARACTERISTICS
• DC Characteristics
(Ta
= − 40 °C to + 85 °C, VDD = 3.3 V ± 0.3 V, VSS = 0.0 V)
• AC Characteristics
(Ta
= − 40 °C to + 85 °C, VDD = 3.3 V ± 0.3 V, VSS = 0.0 V)
(Continued)
Parameter
Symbol
Pin
Conditions
Value
Unit
Min
Typ
Max
Output voltage
VOH
CKOUT
“H” level output
IOH
= − 4 mA
VDD
− 0.5
VDD
V
VOL
CKOUT
“L” level output
IOL
= 4 mA
VSS
0.4
V
Output impedance
ZO
CKOUT 16.6 MHz to 134 MHz
45
Ω
Input capacitance
CIN
CKIN,
ENS,
FREQ0,
FREQ1,
XPD
Ta
= + 25 °C,
VDD
= VI = 0.0 V,
f
= 1 MHz

16
pF
Load capacitance
CL
CKOUT
16.6 MHz to 67 MHz

15
pF
67 MHz to 100 MHz

10
100 MHz to 134 MHz

7
Input Pull-up resistance
RPUE
FREQ0
VIL
= 0.0 V
25
50
200
k
RPUP
XPD
500
800
1200
Power supply current
ICC
VDD
No load capacitance
at 24 MHz output
4.0
6.0
mA
Power down current
Ipd
VDD
Input clock stopping
10
µA
Parameter
Symbol
Pin
Conditions
Value
Unit
Min
Typ
Max
Input frequency
fin
CKIN
16.6
134
MHz
Output frequency
fOUT
CKOUT
16.6
134
MHz
Output slew rate
SR
CKOUT
Load capacitance 15 pF
0.4 V to 2.4 V
0.4
4.0
V/ns
Output clock duty cycle
tDCC
CKOUT 1.5 V
40
60
%
Modulation frequency
(Number of input clocks
per modulation)
fMOD
(nMOD)
CKOUT
FREQ[1 : 0]
= (00)
fin/2640
(2640)
fin/2280
(2280)
fin/1920
(1920)
kHz
(clks)
FREQ[1 : 0]
= (10)
fin/4400
(4400)
fin/3800
(3800)
fin/3200
(3200)
FREQ[1 : 0]
= (11)
fin/5280
(5280)
fin/4560
(4560)
fin/3840
(3840)
FREQ[1 : 0]
= (01)
fin/8800
(8800)
fin/7600
(7600)
fin/6400
(6400)


Similar Part No. - MB88153A-100

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88153A-100 FUJITSU-MB88153A-100 Datasheet
281Kb / 21P
   Spread Spectrum Clock Generator
More results

Similar Description - MB88153A-100

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com