Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL16LV8C-10LJN Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # GAL16LV8C-10LJN
Description  Low Voltage E2CMOS PLD Generic Array Logic?
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16LV8C-10LJN Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button GAL16LV8C-10LJN Datasheet HTML 7Page - Lattice Semiconductor GAL16LV8C-10LJN Datasheet HTML 8Page - Lattice Semiconductor GAL16LV8C-10LJN Datasheet HTML 9Page - Lattice Semiconductor GAL16LV8C-10LJN Datasheet HTML 10Page - Lattice Semiconductor GAL16LV8C-10LJN Datasheet HTML 11Page - Lattice Semiconductor GAL16LV8C-10LJN Datasheet HTML 12Page - Lattice Semiconductor GAL16LV8C-10LJN Datasheet HTML 13Page - Lattice Semiconductor GAL16LV8C-10LJN Datasheet HTML 14Page - Lattice Semiconductor GAL16LV8C-10LJN Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Specifications GAL16LV8D
11
-3
MIN. MAX.
-5
MIN. MAX.
tpd2
A
Input or I/O to Combinational Output
1
3.5
1
5
ns
tco2
A
Clock to Output Delay
1
2.5
1
3
ns
tcf3
Clock to Feedback Delay
2
2
ns
tsu
Setup Time, Input or Feedback before Clock↑
3—
4
ns
th—
Hold Time, Input or Feedback after Clock↑
0—
0
ns
A
Maximum Clock Frequency with
180
142.8
MHz
External Feedback, 1/(tsu + tco)
fmax4
A
Maximum Clock Frequency with
200
166
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
250
166
MHz
No Feedback
twh4
Clock Pulse Duration, High
2
3
ns
twl4
Clock Pulse Duration, Low
2
3
ns
ten
B
Input or I/O to Output Enabled
4.5
6
ns
B
OE to Output Enabled
3.5
5
ns
tdis
C
Input or I/O to Output Disabled
4.5
6
ns
C
OE to Output Disabled
3.5
5
ns
UNITS
PARAMETER
TEST
COND1.
DESCRIPTION
1) Refer to Switching Test Conditions section.
2) Minimum values for tpd and tco are not 100% tested but established by characterization.
3) Calculated from fmax with internal feedback. Refer to fmax Descriptions section.
4) Refer to fmax Descriptions section. Characterized but not 100% tested.
COM
COM
SYMBOL
PARAMETER
TYPICAL
UNITS
TEST CONDITIONS
C
I
Input Capacitance
5
pF
V
CC = 3.3V, VI = 0V
C
I/O
I/O Capacitance
5
pF
V
CC = 3.3V, VI/O = 0V
AC Switching Characteristics
Over Recommended Operating Conditions
Capacitance (T
A = 25°C, f = 1.0 MHz)


Similar Part No. - GAL16LV8C-10LJN

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16LV8C-10LJ LATTICE-GAL16LV8C-10LJ Datasheet
338Kb / 22P
   Low Voltage E2CMOS PLD Generic Array Logic
More results

Similar Description - GAL16LV8C-10LJN

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16LV8 LATTICE-GAL16LV8 Datasheet
338Kb / 22P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL26CLV12 LATTICE-GAL26CLV12 Datasheet
225Kb / 13P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL22LV10 LATTICE-GAL22LV10 Datasheet
218Kb / 18P
   Low Voltage E2CMOS PLD Generic Array Logic?
GAL20LV8 LATTICE-GAL20LV8 Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL16LV8ZD LATTICE-GAL16LV8ZD Datasheet
270Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL20LV8ZD LATTICE-GAL20LV8ZD Datasheet
284Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL20VP8 LATTICE-GAL20VP8 Datasheet
263Kb / 17P
   High-Speed E2CMOS PLD Generic Array Logic
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com