Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2065ETL+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2065ETL+
Description  50MHz to 1000MHz High-Linearity, Serial/ Parallel-Controlled Analog/Digital VGA
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2065ETL+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2065ETL+ Datasheet HTML 1Page - Maxim Integrated Products MAX2065ETL+ Datasheet HTML 2Page - Maxim Integrated Products MAX2065ETL+ Datasheet HTML 3Page - Maxim Integrated Products MAX2065ETL+ Datasheet HTML 4Page - Maxim Integrated Products MAX2065ETL+ Datasheet HTML 5Page - Maxim Integrated Products MAX2065ETL+ Datasheet HTML 6Page - Maxim Integrated Products MAX2065ETL+ Datasheet HTML 7Page - Maxim Integrated Products MAX2065ETL+ Datasheet HTML 8Page - Maxim Integrated Products MAX2065ETL+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
50MHz to 1000MHz High-Linearity, Serial/
Parallel-Controlled Analog/Digital VGA
_______________________________________________________________________________________
5
+5V SUPPLY AC ELECTRICAL CHARACTERISTICS (continued)
(
Typical Application Circuit, VCC = +4.75 to +5.25V, HC mode with each attenuator set for maximum gain, 50MHz ≤ fRF ≤ 1000MHz,
TC = -40°C to +85°C. Typical values are at VCC = +5.0V, HC mode, PIN = -20dBm, fRF = 200MHz, and TC = +25oC, unless otherwise
noted.) (Note 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Control Input Impedance
80
k
Ω
Input Return Loss
50
Ω source
22
dB
Output Return Loss
50
Ω load
22
dB
D/A CONVERTER
Number of Bits
8
Bits
DAC code = 00000000
0.25
Output Voltage
DAC code = 11111111
2.75
V
SERIAL PERIPHERAL INTERFACE (SPI)
Maximum Clock Speed
fCLK
20
MHz
Data-to-Clock Setup Time
tCS
2ns
Data-to-Clock Hold Time
tCH
2.5
ns
Clock-to-CS Setup Time
tES
3ns
CS Positive Pulse Width
tEW
7ns
CS Setup Time
tEWS
3.5
ns
Clock Pulse Width
tCW
5ns
Note 5: All limits include external component losses. Output measurements are performed at RF output port of the
Typical
Application Circuit.
Note 6: Operating outside this range is possible, but with degraded performance of some parameters.
Note 7: Guaranteed by design and characterization.
Note 8: It is advisable not to operate continuously the VGA RF input above +15dBm.


Similar Part No. - MAX2065ETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX206 MAXIM-MAX206 Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX206 MAXIM-MAX206 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX206 MAXIM-MAX206 Datasheet
2Mb / 23P
   5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
logo
ARTSCHIP ELECTRONICS CO...
MAX206 ARTSCHIP-MAX206 Datasheet
4Mb / 20P
   Transceivers External Capacitors
logo
Maxim Integrated Produc...
MAX206 MAXIM-MAX206 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results

Similar Description - MAX2065ETL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2062 MAXIM-MAX2062 Datasheet
3Mb / 24P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Analog/Digital VGA
Rev 2; 8/15
MAX2066ETL MAXIM-MAX2066ETL Datasheet
358Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Rev 0; 3/08
MAX2066 MAXIM-MAX2066 Datasheet
358Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Rev 0; 3/08
MAX2067 MAXIM-MAX2067 Datasheet
299Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08
MAX2063 MAXIM-MAX2063 Datasheet
2Mb / 22P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
Rev 0; 6/10
MAX2064 MAXIM-MAX2064 Datasheet
3Mb / 20P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 12/10
logo
RF Micro Devices
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z_12 Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Qorvo, Inc
CGA-7718Z QORVO-CGA-7718Z Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
RF Micro Devices
CGA-1518Z RFMD-CGA-1518Z Datasheet
485Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com