Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BHC-AN1P2 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # BHC-AN1P2
Description  Chip LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

BHC-AN1P2 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button BHC-AN1P2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd BHC-AN1P2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd BHC-AN1P2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd BHC-AN1P2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd BHC-AN1P2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd BHC-AN1P2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd BHC-AN1P2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd BHC-AN1P2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd BHC-AN1P2 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
15-21/BHC-AN1P2/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev
2
Page: 9 of 10
Device No: SZDSE-151-B02
Prepared date: 20-Aug-2005
Prepared by: Meng Yali
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 60%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do
soldering of each terminal. Be careful because the damage of the product is often started at the time of
the hand solder.


Similar Part No. - BHC-AN1P2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-AN1P2-3T EVERLIGHT-BHC-AN1P2-3T Datasheet
160Kb / 10P
   Chip LED(0.8mm Herght)
More results

Similar Description - BHC-AN1P2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-21UYC EVERLIGHT-17-21UYC Datasheet
152Kb / 10P
   Chip LEDs
23-21SYGC EVERLIGHT-23-21SYGC Datasheet
153Kb / 9P
   Chip LEDs
23-21UYC EVERLIGHT-23-21UYC Datasheet
154Kb / 9P
   Chip LEDs
25-21UBC EVERLIGHT-25-21UBC Datasheet
154Kb / 9P
   Chip LEDs
23-21UBC EVERLIGHT-23-21UBC Datasheet
159Kb / 9P
   Chip LEDs
25-21UYC EVERLIGHT-25-21UYC Datasheet
174Kb / 9P
   Chip LEDs
17-21SYGC-S530 EVERLIGHT-17-21SYGC-S530 Datasheet
241Kb / 10P
   Chip LEDs
25-21SYGC EVERLIGHT-25-21SYGC Datasheet
157Kb / 9P
   Chip LEDs
T1D-CR1S1E EVERLIGHT-T1D-CR1S1E Datasheet
149Kb / 12P
   Chip LEDS
25-21SURC EVERLIGHT-25-21SURC Datasheet
156Kb / 9P
   Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com