Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6GHBHC Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # R6GHBHC
Description  Full Color Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

R6GHBHC Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  R6GHBHC Datasheet HTML 1Page - Everlight Electronics Co., Ltd R6GHBHC Datasheet HTML 2Page - Everlight Electronics Co., Ltd R6GHBHC Datasheet HTML 3Page - Everlight Electronics Co., Ltd R6GHBHC Datasheet HTML 4Page - Everlight Electronics Co., Ltd R6GHBHC Datasheet HTML 5Page - Everlight Electronics Co., Ltd R6GHBHC Datasheet HTML 6Page - Everlight Electronics Co., Ltd R6GHBHC Datasheet HTML 7Page - Everlight Electronics Co., Ltd R6GHBHC Datasheet HTML 8Page - Everlight Electronics Co., Ltd R6GHBHC Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 2 of 12
Device No. : DSE-153-A01
Prepared date: 22-Aug-2005
Prepared by : Ashley Kuo
15-13D/R6GHBHC-A01/2T
Package Outline Dimensions
Anode Mark
2.0
3.2
0.7
1.8
0.7
1.8
4.6
R
G
B
Note: The tolerances unless mentioned is ±0.1mm,Unit = mm


Similar Part No. - R6GHBHC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
R6GHBHC-A01 EVERLIGHT-R6GHBHC-A01 Datasheet
198Kb / 12P
   0.5mm Height Chip LED with Full Color
More results

Similar Description - R6GHBHC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-237B-R6GHBHC-C01-2T EVERLIGHT-19-237B-R6GHBHC-C01-2T Datasheet
236Kb / 12P
   Full Color Chip LED
19-237A-BHR6GHC-A01-2T EVERLIGHT-19-237A-BHR6GHC-A01-2T Datasheet
227Kb / 12P
   Full Color Chip LED
23-23B-R6GHBHC-A01-2A EVERLIGHT-23-23B-R6GHBHC-A01-2A Datasheet
222Kb / 12P
   Full Color Chip LED
15-13D-R6GHBHC-A01-2T EVERLIGHT-15-13D-R6GHBHC-A01-2T Datasheet
196Kb / 12P
   Full Color Chip LED
19-237B-R6GHBHC-C01-2T EVERLIGHT-19-237B-R6GHBHC-C01-2T_11 Datasheet
216Kb / 12P
   Full Color Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
19-237B-R6GHBHC-C01-2T TO-GRACE-19-237B-R6GHBHC-C01-2T Datasheet
928Kb / 12P
   Full Color Chip LED
LTST-S310F3WT TO-GRACE-LTST-S310F3WT Datasheet
808Kb / 11P
   Full color chip LED.
19-237-R6GHBHC-A04-2T TO-GRACE-19-237-R6GHBHC-A04-2T Datasheet
1,004Kb / 12P
   Full Color Chip LED
19-237A-BHR6GHC-A01-2T TO-GRACE-19-237A-BHR6GHC-A01-2T Datasheet
1Mb / 12P
   Full Color Chip LED
logo
Everlight Electronics C...
15-13D-R6GHBHC-A01-2T EVERLIGHT-15-13D-R6GHBHC-A01-2T_11 Datasheet
204Kb / 12P
   Full Color Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com