Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F2806 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2806
Description  Digital Signal Processors
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2806 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TMS320F2806 Datasheet HTML 88Page - Texas Instruments TMS320F2806 Datasheet HTML 89Page - Texas Instruments TMS320F2806 Datasheet HTML 90Page - Texas Instruments TMS320F2806 Datasheet HTML 91Page - Texas Instruments TMS320F2806 Datasheet HTML 92Page - Texas Instruments TMS320F2806 Datasheet HTML 93Page - Texas Instruments TMS320F2806 Datasheet HTML 94Page - Texas Instruments TMS320F2806 Datasheet HTML 95Page - Texas Instruments TMS320F2806 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 140 page
background image
www.ti.com
6.2
Recommended Operating Conditions
6.3
Electrical Characteristics
TMS320F2809, TMS320F2808, TMS320F2806
TMS320F2802, TMS320F2801
TMS320C2802, TMS320C2801, and TMS320F2801x DSPs
SPRS230J – OCTOBER 2003 – REVISED SEPTEMBER 2007
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Device supply voltage, I/O, VDDIO
3.14
3.3
3.47
V
Device supply voltage CPU, VDD
1.71
1.8
1.89
V
Supply ground, VSS, VSSIO
0
V
ADC supply voltage (3.3 V), VDDA2, VDDAIO
3.14
3.3
3.47
V
ADC supply voltage (1.8 V), VDD1A18, VDD2A18
1.71
1.8
1.89
V
Flash supply voltage, VDD3VFL
3.14
3.3
3.47
V
Device clock frequency (system clock), fSYSCLKOUT
100-MHz devices
2
100
MHz
60-MHz devices
2
60
MHz
High-level input voltage, VIH
2
VDDIO
V
Low-level input voltage, VIL
0.8
All I/Os except Group 2
-4
mA
High-level output source current, VOH = 2.4 V, IOH
Group 2(1)
-8
All I/Os except Group 2
4
mA
Low-level output sink current, VOL = VOL MAX, IOL
Group 2(1)
8
A version
-40
85
Ambient temperature, TA
S version
-40
125
°C
Q version
-40
125
(1)
Group 2 pins are as follows: GPIO28, GPIO29, GPIO30, GPIO31, TDO, XCLKOUT, EMU0, and EMU1
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = IOHMAX
2.4
VOH
High-level output voltage
V
IOH = 50 μA
VDDIO - 0.2
VOL
Low-level output voltage
IOL = IOLMAX
0.4
V
Pin with pullup
VDDIO = 3.3 V, VIN = 0 V
All I/Os (including XRS)
-80
-140
-190
enabled
Input current
IIL
μA
(low level)
Pin with pulldown
VDDIO = 3.3 V, VIN = 0 V
±2
enabled
Pin with pullup
VDDIO = 3.3 V, VIN = VDDIO
±2
enabled
Input current
Pin with pulldown
IIH
VDDIO = 3.3 V, VIN = VDDIO (F280x)
28
50
80
μA
(high level)
enabled
Pin with pulldown
VDDIO = 3.3 V, VIN = VDDIO (C280x)
80
140
190
enabled
Output current, pullup or
IOZ
VO = VDDIO or 0 V
±2
μA
pulldown disabled
CI
Input capacitance
2
pF
Electrical Specifications
92
Submit Documentation Feedback


Similar Part No. - TMS320F2806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F2806 TI-TMS320F2806 Datasheet
1Mb / 123P
[Old version datasheet]   Digital Signal Processors
TMS320F2806 TI-TMS320F2806 Datasheet
3Mb / 154P
[Old version datasheet]   TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
FEBRUARY 2021
TMS320F2806 TI-TMS320F2806 Datasheet
1Mb / 134P
[Old version datasheet]   Digital Signal Processors
TMS320F2806 TI-TMS320F2806 Datasheet
1Mb / 140P
[Old version datasheet]   Digital Signal Processors
TMS320F2806 TI-TMS320F2806 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - TMS320F2806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com