Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG0063.683 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PG0063.683
Description  SMT POWER INDUCTORS UNSHIELDED DRUM CORE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PG0063.683 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PG0063.683 Datasheet HTML 1Page - Pulse A Technitrol Company PG0063.683 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMT POWER INDUCTORS
Unshielded Drum Core - PG0063 Series
.244 MAX
6,20
XXX
.244
6,20
MAX
SUGGESTED PAD LAYOUT
.035
0,89
.157
4,00
.079
2,00
.098
2,50
MAX
1
2
Mechanical
Schematic
Part
Inductance
2
Irated 3
DCR (m
Ω)
Inductance
Saturation
4
Heating
5
Number
@Irated
(A)
@0A DC
Current
Current I DC
(
μH TYP)
TYP
MAX
(
μH ±20%)
Isat (A)
(A)
PG0063.102
0.9
3.5
15
22
1.0
3.5
4.5
PG0063.152
1.3
3.0
25
30
1.5
3.0
3.8
PG0063.222
1.9
2.5
33
40
2.2
2.5
3.3
PG0063.332
2.9
2.0
55
65
3.3
2.0
2.9
PG0063.472
4.2
1.8
76
90
4.7
1.8
2.7
PG0063.682
6.1
1.5
91
105
6.8
1.5
2.2
PG0063.103
9.0
1.2
128
150
10
1.2
1.9
PG0063.153
13
1.0
181
210
15
1.0
1.6
PG0063.223
19
0.8
250
290
22
0.8
1.3
PG0063.333
29
0.65
342
400
33
0.65
1.2
PG0063.473
42
0.55
492
565
47
0.55
0.96
PG0063.683
61
0.50
728
800
68
0.50
0.76
PG0063.104
90
0.40
1047
1205
100
0.40
0.62
PG0063.154
130
0.30
1590
2020
150
0.30
0.50
PG0063.224
190
0.26
2019
2220
220
0.26
0.42
PG0063.334
290
0.20
3144
3305
330
0.20
0.32
PG0063.474
420
0.16
4800
5040
470
0.16
0.28
PG0063.684
610
0.14
7027
7380
680
0.14
0.22
PG0063.105
900
0.12
11010
11340
1000
0.12
0.18
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C
.472
12,00
.630
16,00
.138
3,50
TAPE & REEL LAYOUT
.079
2,00
.256
6,50
Height: 2.5mm Max
Footprint: 6.2mm x 6.2mm Max
Current Rating: up to 3.5A
Inductance Range: .9µH to 900µH
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Weight . . . . . . . . . . .0.1 grams
Tape & Reel . . . . . . .1500/reel
Tray . . . . . . . . . . . . . .185/tray
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 5538070 •• Taiwan 886 3 4641811
www.pulseeng.com
P568.A (3/06)


Similar Part No. - PG0063.683

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PG0060T MURATA-PS-PG0060T Datasheet
764Kb / 24P
   500W Digital Fully Regulated Intermediate DC-DC Bus Converter
More results

Similar Description - PG0063.683

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
PF0382NL PULSE-PF0382NL Datasheet
302Kb / 2P
   SMT Power Inductors Unshielded Drum Core - PF0382NL Series
PB2020NL PULSE-PB2020NL Datasheet
96Kb / 1P
   SMT POWER INDUCTORS Unshielded Drum Core - PB2020NL Series
P0250.102NL PULSE-P0250.102NL Datasheet
173Kb / 1P
   Unshielded Drum Core
P1252.781NL PULSE-P1252.781NL Datasheet
187Kb / 1P
   Unshielded Drum Core
logo
Eaton All Rights Reserv...
RL0607 EATON-RL0607 Datasheet
768Kb / 4P
   Unshielded radial leaded drum core inductors
logo
Pulse A Technitrol Comp...
PF0638NL PULSE-PF0638NL Datasheet
80Kb / 2P
   Unshielded Drum Core
logo
Eaton All Rights Reserv...
RL1011 EATON-RL1011 Datasheet
578Kb / 4P
   Unshielded radial leaded drum core inductors
logo
Pulse A Technitrol Comp...
PF0504.681NL PULSE-PF0504.681NL Datasheet
187Kb / 2P
   Unshielded Drum Core
logo
Eaton All Rights Reserv...
RL1218 EATON-RL1218 Datasheet
770Kb / 4P
   Unshielded radial leaded drum core inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com