Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC17510MTBEL Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC17510MTBEL
Description  1.2 A 15 V H-Bridge Motor Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17510MTBEL Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC17510MTBEL Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17510MTBEL Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17510MTBEL Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17510MTBEL Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17510MTBEL Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17510MTBEL Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17510MTBEL Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17510MTBEL Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17510MTBEL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
17510
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 17510 Simplified Internal Block Diagram
3
23
2
21
8
1
5
17
18
6
19
4
7
20
22
15
Charge Pump
H-Bridge
Level
Shifter
Predriver
Control
Logic
Low Voltage
Detector
TOUT
VM1
VM2
OUTA
OUTA'
OUTB'
OUTB
PGND1
PGND2
NC
CRES
VDD
LGND
24
TINB
16
EN
10
IN2
9
IN1
12
C1L
11
C1H
13
C2L
14
C2H


Similar Part No. - MPC17510MTBEL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17510MTBEL FREESCALE-MPC17510MTBEL Datasheet
407Kb / 14P
   1.2 A 15 V H-Bridge Motor Driver IC
More results

Similar Description - MPC17510MTBEL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17510EJ MOTOROLA-MPC17510EJ Datasheet
490Kb / 12P
   1.2 A 15 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
17510 FREESCALE-17510 Datasheet
407Kb / 14P
   1.2 A 15 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74LV2GT04A RENESAS-HD74LV2GT04A Datasheet
83Kb / 8P
   1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
17511A FREESCALE-17511A Datasheet
222Kb / 16P
   1.0 A 6.8 V H-Bridge Motor Driver IC
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
   1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74HC670 RENESAS-HD74HC670 Datasheet
106Kb / 9P
   1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
logo
Freescale Semiconductor...
MPC17C724 FREESCALE-MPC17C724 Datasheet
839Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
logo
HuaXinAn Electronics CO...
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
   Dual H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com